Electronic Components Datasheet Search
  English  ▼

X  

AE368 Datasheet(PDF) 13 Page - RFHIC

Part # AE368
Description  a drive or pre-drive amplifier designed in a low cost SOIC-8 package.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE368 Datasheet(HTML) 13 Page - RFHIC

Back Button AE368 Datasheet HTML 6Page - RFHIC AE368 Datasheet HTML 7Page - RFHIC AE368 Datasheet HTML 8Page - RFHIC AE368 Datasheet HTML 9Page - RFHIC AE368 Datasheet HTML 10Page - RFHIC AE368 Datasheet HTML 11Page - RFHIC AE368 Datasheet HTML 12Page - RFHIC AE368 Datasheet HTML 13Page - RFHIC AE368 Datasheet HTML 14Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
E-pHEMT MMIC
AE368
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
13 / 14
Version 1.3
Package Dimensions (Type: SOIC-8)
Recommended Pattern
* Unit: mm[inch] | Tolerance ±0.2[.008]
Pin Description
Pin No
Function
Pin No
Function
1
GND
5
GND
2
Input
6
Output / Bias
3
NC
7
Output / Bias
4
GND
8
GND
Recommended Mounting Configuration
* Mounting Configuration Notes
1. Ground / thermal via holes are critical for the proper
performance of this device.
2. Add as much copper as possible to inner and outer layers
near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the
board to a heatsink. Ensure that the ground / thermal via hole
region contacts
the heatsink.
4. Do not put solder mask on the backside of the PCB in the
region where the board contacts the heatsink.
5. RF trace width depends upon the PCB material and
construction.
6. Use 1 oz. Copper minimum.
◀ Front View
▶ Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com