Electronic Components Datasheet Search
  English  ▼

X  

AE368 Datasheet(PDF) 2 Page - RFHIC

Part # AE368
Description  a drive or pre-drive amplifier designed in a low cost SOIC-8 package.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE368 Datasheet(HTML) 2 Page - RFHIC

  AE368 Datasheet HTML 1Page - RFHIC AE368 Datasheet HTML 2Page - RFHIC AE368 Datasheet HTML 3Page - RFHIC AE368 Datasheet HTML 4Page - RFHIC AE368 Datasheet HTML 5Page - RFHIC AE368 Datasheet HTML 6Page - RFHIC AE368 Datasheet HTML 7Page - RFHIC AE368 Datasheet HTML 8Page - RFHIC AE368 Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
E-pHEMT MMIC
AE368
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 14
Version 1.3
Application Circuit @ 1930 ~ 1990MHz, 50ohm System
EVB BOM
Description
Reference Designator
Manufacturer
Manufacturer's P/N
CAP, 0.5pF, 1608
C8
Murata
GRM1885C1HR50CZ01D
CAP, 1pF, 1608
L2
Murata
GRM1885C1H1R0CZ01D
CAP, 1.5pF, 1608
C4, C5
Murata
GRM1885C1H1R5CZ01D
CAP, 4pF, 1608
L4
Murata
GRM1885C1H4R0CZ01D
CAP, 100nF, 1608
C9
Murata
GRM188R71C104KA01D
CAP, 4.7uF, 3216-18
C12
AVX
TAJA475M016RNJ
IND, 22nH, 1608
C2
Taiyo Yuden
HK160822NJ
IND,10nH,±5%,2012,W/W
L3
WURTH ELEKTRONIK
74476010C
RES, 0Ohm, 1608
C1, R2, C7
ROHM
MCR03 EZPJ000
DNP
L1,R1,C3,C6,C10,C11
-
-
Typical Performance
PARAMETER
UNIT
TYPICAL
Remark
Operational Frequency Range
MHz
1930 ~ 1990
-
Small Signal Gain(S21)
dB
14.2
@ 1960MHz
Input Return Loss(S11)
dB
-20
-
Output Return Loss(S22)
dB
-14
-
Output IP3(OIP3)
dBm
46
@ 1960MHz
1dB Compression Point(P1dB) / Efficiency
dBm / %
30.5 / 52
Noise Figure(NF)
dB
2.9
-
ACLR
WCDMA
2
dBm
21.2
@ -50dBc ACLR
LTE
3
21.5
Note
Test condition : Supply Voltage/DC Current = 5V/300mA, T = 25℃
1. OIP3 measured with 2 tones at an output power of +15dBm/tone separated by 1MHz
2. WCDMA 3G 1FA Test Model1 64DPCH, PAR = 10dB@0.01%
3. LTE FDD 10MHz ETM3.1 PAR=7.5dB@0.01%
C12
L1
C1
C2
C3
R1
L2
C4
C11
C10
R2
C9
L3
L4
C6
C7
C8
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com