Electronic Components Datasheet Search
  English  ▼

X  

AE367 Datasheet(PDF) 8 Page - RFHIC

Part # AE367
Description  a drive or pre-drive amplifier designed in a low cost SOT-89 package.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE367 Datasheet(HTML) 8 Page - RFHIC

Back Button AE367 Datasheet HTML 4Page - RFHIC AE367 Datasheet HTML 5Page - RFHIC AE367 Datasheet HTML 6Page - RFHIC AE367 Datasheet HTML 7Page - RFHIC AE367 Datasheet HTML 8Page - RFHIC AE367 Datasheet HTML 9Page - RFHIC AE367 Datasheet HTML 10Page - RFHIC AE367 Datasheet HTML 11Page - RFHIC AE367 Datasheet HTML 12Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
E-pHEMT MMIC
AE367
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
8 / 12
Version 1.3
Application Circuit @ 2550 ~ 2650MHz, 50ohm System
EVB BOM
Description
Reference Designator
Manufacturer
Manufacturer's P/N
CAP, 0.5 pF, 1608
C4
Murata
GRM1885C1HR5CZ01D
CAP, 1pF, 1608
C2, L2
Murata
GRM1885C1H1R0CZ01D
CAP, 2pF, 1608
L4
Murata
GRM1885C1H2R0CZ01D
CAP, 100nF, 1608
C8
Murata
GRM188R71C104KA01D
CAP, 4.7uF, 3216-18
C9
AVX
TAJA475M016RNJ
IND, 27nH, ±5%, 1608, W/W
L3
Murata
LQW18AN27NJ00
RES, 0Ohm, 1608
C1, Rbias, C6
ROHM
MCR03 EZPJ000
DNP
L1, C3, C5, C7
-
-
Typical Performance
6B
PARAMETER
UNIT
TYPICAL
REMARK
Operational Frequency Range
MHz
2550 ~ 2650
-
Small Signal Gain(S21)
dB
14.2
@ 2600MHz
Input Return Loss(S11)
dB
-15
-
Output Return Loss(S22)
dB
-17
-
Output IP3(OIP3)
dBm
38.5
@2600MHz
1dB Compression Point(P1dB)
dBm
27.5
Noise Figure(NF)
dB
3.2
-
WCDMA**
dBm
19
-
Efficiency
%
52
-
Supply Voltage/DC Current
V/mA
5/140
-
Note
1. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz
2. WCDMA 3G 1FA Test Model1 64DPCH, PAR = 10dB@0.01%
C1
C2
L2
C3
C5
L4
C6
L3
Rbias
C8
C9
L1
C4
C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com