Electronic Components Datasheet Search
  English  ▼

X  

AE367 Datasheet(PDF) 11 Page - RFHIC

Part # AE367
Description  a drive or pre-drive amplifier designed in a low cost SOT-89 package.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE367 Datasheet(HTML) 11 Page - RFHIC

Back Button AE367 Datasheet HTML 4Page - RFHIC AE367 Datasheet HTML 5Page - RFHIC AE367 Datasheet HTML 6Page - RFHIC AE367 Datasheet HTML 7Page - RFHIC AE367 Datasheet HTML 8Page - RFHIC AE367 Datasheet HTML 9Page - RFHIC AE367 Datasheet HTML 10Page - RFHIC AE367 Datasheet HTML 11Page - RFHIC AE367 Datasheet HTML 12Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
E-pHEMT MMIC
AE367
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
11 / 12
Version 1.3
Package Dimensions (Type: SOT-89)
* Unit: mm[inch] | Tolerance ±0.2[.008]
▲ Top View
▲ Side View
▲ Bottom View
7B
Pin Description
Pin No
Function
Pin No
Function
1
Input
4
GND
2
GND
-
3
Output / Bias
-
Recommended Pattern
Recommended Mounting Configuration
8B
* Mounting Configuration Notes
1. Ground / thermal via holes are critical for the proper performance of this device.
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via hole region contacts the heatsink.
4. Do not put solder mask on the backside of the PCB in the region where the board contacts the heatsink.
5. RF trace width depends upon the PCB material and construction.
6. Use 1 oz. Copper minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com