Electronic Components Datasheet Search
  English  ▼

X  

AE342A Datasheet(PDF) 2 Page - RFHIC

Part # AE342A
Description  Low Noise Amplifier for CATV, Satellite
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE342A Datasheet(HTML) 2 Page - RFHIC

  AE342A Datasheet HTML 1Page - RFHIC AE342A Datasheet HTML 2Page - RFHIC AE342A Datasheet HTML 3Page - RFHIC AE342A Datasheet HTML 4Page - RFHIC AE342A Datasheet HTML 5Page - RFHIC AE342A Datasheet HTML 6Page - RFHIC AE342A Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
E-pHEMT MMIC
AE342A
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 7
Version 1.3
Application Circuit @ 5 ~ 200MHz, 75ohm System
PARAMETER
UNIT
TYPICAL
Frequency
MHz
5
25
50
100
Gain(S21)
dB
16.5
IRL(S11)
dB
-21
-26
-25
-36
ORL(S22)
dB
-28
-20
-21
-24
Output IP3
dBm
36.5
37.5
38
38.5
P1dB
dBm
17
19
20
20.5
Noise Figure
dB
1.7
1.7
1.8
CSO(1)
dBc
-59
CTB(1)
dBc
-68
XMOD(1)
dBc
-60
Current
mA
90
Output
100 nF
Input
AE 342A
1 nF
1 nF
750 ohm
4.7 uH
4.7uF
( Tantal)
100 nF
+5V
33uH
(Wirewound)
(1) 8channels, +45dBmV/ch
Typical Performance @ VDD=5V, IDS=90mA, T=25℃, 75ohm System
40
80
120
160
0
200
0
5
10
15
-5
20
-20
0
-40
20
Freq(GHz)
S-Parameter
Noise Figure vs Frequency
0
1
2
3
4
5
10
50
90
130
170
210
Freq(MHz)
P1 vs Frequency
0
5
10
15
20
25
30
5
40
80
120
160
200
Freq(MHz)
OIP3 vs Frequency
0
10
20
30
40
50
5
40
80
120
160
200
Freq(MHz)
S21
S11
S22



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com