Electronic Components Datasheet Search
  English  ▼

X  

AE342A Datasheet(PDF) 4 Page - RFHIC

Part # AE342A
Description  Low Noise Amplifier for CATV, Satellite
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE342A Datasheet(HTML) 4 Page - RFHIC

  AE342A Datasheet HTML 1Page - RFHIC AE342A Datasheet HTML 2Page - RFHIC AE342A Datasheet HTML 3Page - RFHIC AE342A Datasheet HTML 4Page - RFHIC AE342A Datasheet HTML 5Page - RFHIC AE342A Datasheet HTML 6Page - RFHIC AE342A Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
E-pHEMT MMIC
AE342A
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 7
Version 1.3
Application Circuit @ 30 ~ 1000MHz, 75ohm System
PARAMETER
UNIT
TYPICAL
Frequency
MHz
30
500
1000
Gain(S21)
dB
16
IRL(S11)
dB
-13
-17
-15
ORL(S22)
dB
-14
-28
-16
Output IP3
dBm
38.5
38
34
P1dB
dBm
19.5
21.5
20.5
Noise Figure
dB
1.4
1.7
1.8
CSO(1)
dBc
-60
CTB(1)
dBc
-68
XMOD(1)
dBc
-67
Current
mA
90
Output
100 nF
Input
AE342A
1.5 pF
51 pF
10 nF
8.2nH
560 ohm
8.2 nH
4.7uF
( Tantal)
100 nF
+5V
1uH
(Wirewound)
75 ohm
0.75 pF
0.3 pF
2.7nH
(1) 135channels, +30dBmV/ch
Typical Performance @ VDD=5V, IDS=90mA, T=25℃, 75ohm System
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.0
1.2
0
5
10
15
-5
20
-20
-10
0
10
-30
20
Freq(GHz)
S-Parameter
Noise Figure vs Frequency
0
1
2
3
4
5
10
200
400
600
800
1000
Freq(MHz)
P1 vs Frequency
0
5
10
15
20
25
30
30
200
400
600
800
1000
Freq(MHz)
OIP3 vs Frequency
0
10
20
30
40
50
30
200
400
600
800
1000
Freq(MHz)
S21
S11
S22



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com