Electronic Components Datasheet Search
  English  ▼

X  

AD254 Datasheet(PDF) 1 Page - RFHIC

Part # AD254
Description  Multi Tuner Set-Top Boxes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AD254 Datasheet(HTML) 1 Page - RFHIC

  AD254 Datasheet HTML 1Page - RFHIC AD254 Datasheet HTML 2Page - RFHIC AD254 Datasheet HTML 3Page - RFHIC AD254 Datasheet HTML 4Page - RFHIC AD254 Datasheet HTML 5Page - RFHIC AD254 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
E-pHEMT MMIC
AD254
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 6
Version 1.3
Product Features
Applications
• 2-Way Splitter
• 30 ~ 1200MHz(1dB Flat)
• Small size (3X3 mm)
• QFN SMD Type package
• Higher productivity
• Lower manufacturing cost
• -59dBc CSO 135 Channels @ +15dBmV/ch
• -71dBc CTB 135 Channels @ +15dBmV/ch
• -73dBc XMD 135 Channels @ +15dBmV/ch
• 3.5 dB Typical Noise Figure
• 75 ohm input and outputs
• Multi Tuner Set-Top Boxes
• Home Gateways
• FTTx (G-PON, GE-PON)
Description
AD254 is designed as low cost Active Divider for many applications including FTTH, CATV System.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current draw and very low noise.
The data in this spec sheet is valid only for 75ohm application.
Electrical Specifications
PARAMETER
UNIT
MIN
TYP
MAX
Typ
Frequency
MHz
30 ~ 1000
-
Gain
dB
3.0
4.5
-
4
Gain Flatness
dB
0.6
1
1
Input Return Loss
dB
-
-16
-
-14
Output Return Loss
dB
-
-21
-
-20
IN&OUT Port Isolation
dB
-
-30
-
-30
OUT&OUT Port Isolation
dB
-
-20
-
-20
Output IP3
dBm
24
28
-
28
1dB Compression Point
dBm
8
12
-
8
Noise Figure
dB
-
3.5
5
3.5
CSO
50 ~ 870MHz
135 channel@
Input Power +15dBmV/ch
dBc
-
-59
-
-55
CTB
dBc
-
-71
-
-62
XMOD
dBc
-
-73
-
-61
DC Current
mA
-
110
-
75
Supply Voltage
V
5
3.3
Note
1. Test conditions unless otherwise noted. Test Freq = 500MHz, T=25℃, Vdd=5V, 75Ω system
2. OIP3 measured with 2 tones at an output power of +0dBm/tone separated by 1MHz, Test Freq = 500MHz
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
Device Voltage
VDC
-
5
5.5
Operating Temperature
℃
-40
-
85
Storage Temperature
℃
-40
-
150
ESD Human Body Model
-
-
Class 1A
-
Moisture sensitivity Level
-
-
MSL1
-
Package Type : QFN 3X3


Similar Part No. - AD254

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AD25 COOPER-AD25 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Guangzhou Reicu Electro...
AD25 REICU-AD25 Datasheet
630Kb / 1P
AC/DC CONVERTER
REV:15.1
AD25-D05 REICU-AD25-D05 Datasheet
630Kb / 1P
AC/DC CONVERTER
REV:15.1
AD25-D05-05 REICU-AD25-D05-05 Datasheet
630Kb / 1P
AC/DC CONVERTER
REV:15.1
AD25-D05-12 REICU-AD25-D05-12 Datasheet
630Kb / 1P
AC/DC CONVERTER
REV:15.1
More results

Similar Description - AD254

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
MPEG-2 Decoder for Set-Top-Boxes
logo
ANADIGICS, Inc
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
Active Splitter for CATV Set-Top Boxes
Rev 1.0
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
Active Splitter for CATV Set-Top Boxes
Rev 1.0
logo
ITT Industries
CCM01-MKI ITT-CCM01-MKI Datasheet
72Kb / 1P
Set-Top Boxes Electronic Fund Transfer
logo
ANADIGICS, Inc
APS3608 ANADIGICS-APS3608 Datasheet
177Kb / 12P
Active Splitter for CATV Set-Top Boxes
02/2007
logo
RFHIC
AD311 RFHIC-AD311_14 Datasheet
298Kb / 9P
Multi Tuner Set-Top Boxes
AD274 RFHIC-AD274 Datasheet
266Kb / 6P
Multi Tuner Set-Top Boxes
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
Multi Tuner Set-Top Boxes
logo
FSP TECHNOLOGY INC.
FSP036-RBCN2 FSP-FSP036-RBCN2 Datasheet
142Kb / 1P
IPC systems, Set top boxes, Modems
logo
Skyworks Solutions Inc.
SI2144 SKYWORKS-SI2144 Datasheet
195Kb / 2P
Worldwide Digital Set-Top Box Tuner
August 22, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com