Electronic Components Datasheet Search
  English  ▼

X  

AD254 Datasheet(PDF) 4 Page - RFHIC

Part # AD254
Description  Multi Tuner Set-Top Boxes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AD254 Datasheet(HTML) 4 Page - RFHIC

  AD254 Datasheet HTML 1Page - RFHIC AD254 Datasheet HTML 2Page - RFHIC AD254 Datasheet HTML 3Page - RFHIC AD254 Datasheet HTML 4Page - RFHIC AD254 Datasheet HTML 5Page - RFHIC AD254 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
E-pHEMT MMIC
AD254
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 6
Version 1.3
Multi-Tone Test : 135CH_FLAT@Input Power +15dBmV/Ch
Level : Input +15dBmV
Tilt : 135CH
FRQ
XMOD
CTB
RAW
CTB
COR
N-FLR
CSU
RAW
CSU
COR
CSU
FRQ
CSL
RAW
CSL
COR
CSL
FRQ
55.25
76.5
79.8
84.1
81.5
78.6
82.2
55.99
59.3
59.3
53.99
77.25
82.6
80.2
84.6
81.7
60.3
60.3
77.99
81.3
85.6
76.61
109.25
82.2
80.1
84.4
81.5
78.4
80.9
109.99
61.2
61.2
107.99
211.25
84.6
77.9
80.9
81
76.9
79.1
211.99
62.7
62.7
209.99
331.25
82
75.7
77.6
80
75.3
77.2
331.99
63.1
63.1
329.99
547.25
78
72.9
74.2
79
74.3
76.2
548.49
64.1
64.3
545.99
637.25
75.7
72
73.1
78.7
74.2
76.1
638.49
66.3
66.6
635.99
745.25
75
71.5
72.5
78.7
73.2
74.6
746.49
69.6
70.2
743.99
859.25
73.3
70.9
72.4
76.7
71.7
73.3
860.49
75.6
79.9
858.49
Min
73.3
70.9
72.4
76.7
60.3
60.3
55.99
59.3
59.3
53.99
Max
84.6
80.2
84.6
81.7
78.6
82.2
860.49
81.3
85.6
858.49
Multi-Tone Test : 135CH_FLAT@Input Power +15dBmV/Ch, Vdd = +3.3V
Level : Input +15dBmV
Tilt : 135CH_FLAT
FRQ
XMOD
CTB
RAW
CTB
COR
N-FLR
CSU
RAW
CSU
COR
CSU
FRQ
CSL
RAW
CSL
COR
CSL
FRQ
55.25
68.3
65.6
69.9
65.8
65.4
69.8
55.99
55.7
56.1
54
77.25
69.8
65.5
69.8
65.9
56.4
56.9
77.99
65.5
69.9
76.61
109.25
70.6
65.6
69.9
66
65.1
69.5
109.99
56.3
56.8
107.99
211.25
69.7
65.2
69.6
66.1
65.3
69.7
211.99
56.7
57.2
209.99
331.25
68.7
64
68.3
65.1
64.2
68.5
331.99
57.2
57.9
329.99
445.25
67.1
63.8
68.1
65.6
63.5
67.8
446.49
57
57.6
443.99
547.25
66.1
63.3
67.7
64.7
62
65.1
548.49
57.7
58.6
545.99
637.25
64.8
62.8
67.1
64.8
60.9
63.1
638.49
58.7
59.8
635.98
745.25
63
62.7
67
64.9
59.5
60.9
746.49
60.4
62.3
743.99
859.25
61.4
62.6
67
64.2
59
60.6
860.49
63.4
67.7
858.49
Min
61.4
62.6
67
64.2
56.4
56.9
55.99
55.7
56.1
54
Max
70.6
65.6
69.9
66.1
65.4
69.8
860.49
65.5
69.9
858.49



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com