Electronic Components Datasheet Search
  English  ▼

X  

ACQ102 Datasheet(PDF) 2 Page - RFHIC

Part # ACQ102
Description  Low Noise Amplifier for CATV, Satellite
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

ACQ102 Datasheet(HTML) 2 Page - RFHIC

  ACQ102 Datasheet HTML 1Page - RFHIC ACQ102 Datasheet HTML 2Page - RFHIC ACQ102 Datasheet HTML 3Page - RFHIC ACQ102 Datasheet HTML 4Page - RFHIC ACQ102 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E-pHEMT MMIC
ACQ102
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 5
Version 1.4
Application Circuit @ 30 ~ 1000MHz, 75ohm System
300pF
Input
100 nF
1 kΩ
+5V
+5V
1uH
(Wire wound)
120 Ω
6 pF
8.2nH
10 kΩ
100 nF
0 Ω
20
11
1
2.2 Ω
300pF
8.2nH
Output
PCB material (FR4), PCB thickness (0.8t),
Via hole (Φ0.6)
Typical Performance @ VDD=5V, ID=120mA, T=25℃, 75ohm System
S-Parameter
Noise Figure vs Frequency
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
1.1
0
5
10
15
20
-5
25
-20
-10
0
10
20
-30
30
Freq(GHz)
0
1
2
3
4
5
10
200
400
600
800
1000
Freq(MHz)
OIP3 vs Frequency
P1dB vs Frequency
20
25
30
35
40
45
50
200
400
600
800
1000
Freq(MHz)
0
5
10
15
20
25
50
200
400
600
800
1000
Freq(MHz)
S21
S22
S11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com