Electronic Components Datasheet Search
  English  ▼

X  

ACQ102 Datasheet(PDF) 3 Page - RFHIC

Part # ACQ102
Description  Low Noise Amplifier for CATV, Satellite
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

ACQ102 Datasheet(HTML) 3 Page - RFHIC

  ACQ102 Datasheet HTML 1Page - RFHIC ACQ102 Datasheet HTML 2Page - RFHIC ACQ102 Datasheet HTML 3Page - RFHIC ACQ102 Datasheet HTML 4Page - RFHIC ACQ102 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
E-pHEMT MMIC
ACQ102
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 5
Version 1.4
Multi-Tone Test : 135CH_FLAT@Output Power +30dBmV/Ch
XMD vs Frequency
CTB vs Frequency
-80
-76
-72
-68
-64
-60
55.25
109.25
331.25
547.25
745.25
Freq(MHz)
-80
-76
-72
-68
-64
-60
55.25
109.25
331.25
547.25
745.25
Freq(MHz)
CSO vs Frequency
-78
-74
-70
-66
-62
-58
55.25
109.25
331.25
547.25
745.25
Freq(MHz)
N-FLR
N-FLR
XMD
CTB
CSO(–)
CSO(+)
N-FLR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com