Electronic Components Datasheet Search
  English  ▼

X  

ZSH330 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZSH330
Description  SUPPLY VOLTAGE MONITOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSH330 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZSH330 Datasheet HTML 1Page - Diodes Incorporated ZSH330 Datasheet HTML 2Page - Diodes Incorporated ZSH330 Datasheet HTML 3Page - Diodes Incorporated ZSH330 Datasheet HTML 4Page - Diodes Incorporated ZSH330 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ZSH330
85°C
25°C
-40°C
02
4
6
8
10
500
400
300
200
100
0
Input Voltage (V)
Input Current v Input Voltage
5.0
4.0
3.0
2.0
1.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
Input Voltage (V)
Output Voltage v Input Voltage
2.0
1.6
1.2
0.8
0.4
0.0
Output Saturation Voltage (V)
30
20
10
0
0.8
0.6
0.4
0.2
0.0
Output Saturation Voltage v
Source Current
85°C
25°C
-40°C
85°C
25°C
-40°C
3.3
2.7
2.0
4.0
2.0
0.0
Rl=10k
01
2
3
4
Time (
µs)
Reset Delay Time
0.0
0.4
0.8
1.2
1.6
Forward Voltage (V)
100
80
60
40
20
0
Clamp Diode Forward Current v Voltage
85°C
25°C
-40°C
-40 -20
0
20
40
60
80
100
Temperature (°C)
3.10
3.09
3.08
3.07
3.06
3.05
Threshold Voltage v Temperature
Upper
Threshold
Lower
Threshold
TYPICAL CHARACTERISTICS
4-331



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com