Electronic Components Datasheet Search
  English  ▼

X  

WKPDFN10 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # WKPDFN10
Description  15 V CW P-TYPE LASER DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

WKPDFN10 Datasheet(HTML) 2 Page - IC-Haus GmbH

  WKPDFN10 Datasheet HTML 1Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 2Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 3Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 4Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 5Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 6Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 7Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 8Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
iC-WKP
15 V CW P-TYPE LASER DIODE DRIVER
Rev A6, Page 2/10
DESCRIPTION
iC-WKP is a driver for laser diodes in continuous
wave (CW) operation with laser currents of up to
350 mA from a wide power supply range of up to 15 V
which requires only four external components. The
driver is optimised for P-type laser diodes and allows
the connection of the laser diode case to ground.
The iC includes integrated circuitry protecting against
destruction by ESD, excessive temperature and over-
current plus a soft start of the regulator to protect the
laser diode when the power supply is switched on.
The iC also filters the laser diode power supply for
transients.
The regulator is adapted to the laser diode by an ex-
ternal resistor at MDK. The monitor current acts as
a reference and is regulated independent of the in-
fluence of temperature and supply voltage (range:
2.5 µA to 6.25 mA). The capacitor at CI determines
the control time constants and start-up time.
A second monitor input, pin MDA, allows the driver
to be used for N-type laser diode configuration; alter-
natively, it can be used as an analogue modulation
input (DC to a few kHz).
In the event of failure, such as overcurrent in the laser
path with a lack of feedback, for example, a quick
power lockout is activated. The shutdown persists
until power is reapplied, permitting a restart. The
strain on power packs and batteries is relieved and
the laser class is retained even in the event of a dis-
turbance.
iC-WKP offers additional protection by means of
spike detection at pin MDK. Should spikes or oscilla-
tion occur at pin MDK the power lockout is activated
after a certain time-out.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com