Electronic Components Datasheet Search
  English  ▼

X  

WKPDFN10 Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # WKPDFN10
Description  15 V CW P-TYPE LASER DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

WKPDFN10 Datasheet(HTML) 3 Page - IC-Haus GmbH

  WKPDFN10 Datasheet HTML 1Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 2Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 3Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 4Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 5Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 6Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 7Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 8Page - IC-Haus GmbH WKPDFN10 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
iC-WKP
15 V CW P-TYPE LASER DIODE DRIVER
Rev A6, Page 3/10
PACKAGES SO8tp, DFN10 4 mm x 4 mm to JEDEC standard
PIN CONFIGURATION SO8tp
1
2
3
4
8
7
6
5
CI
MDK
AGND
MDA
VCC
GND
VCCA
LDA
PIN FUNCTIONS
No. Name Function
1 CI
Capacitor for Power Control
2 GND
Ground
3 AGND Reference Ground for CI
4 MDK
APC Setup,
Monitor Input 1 (MD Cathode)
5 MDA
Monitor Input 2
(MD Anode, modulation)
6 VCCA Driver Supply
7 VCC
+3 to +15 V Supply Voltage
8 LDA
Driver Output (LD Anode)
PIN CONFIGURATION DFN10 4 mm x 4 mm
...
...yyww
iC−WKP
PIN FUNCTIONS
No. Name Function
1 CI
Capacitor for Power Control
2 GND
Ground
3 AGND Reference Ground for CI
4 MDK
APC Setup,
Monitor Input 1 (MD Cathode)
5 n.c.
6 MDA
Monitor Input 2
(MD Anode, modulation)
7 VCCA Driver Supply
8 VCC
+3 to +15 V Supply Voltage
9 LDA
Driver Output (LD Anode)
10 n.c.
The Thermal Pad is to be connected to a Ground Plane on the PCB. Do not short-circuit pins AGND and
GND as this may affect the precision of the regulator and interfere with the soft start!



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com