Electronic Components Datasheet Search
  English  ▼

X  

NVR Datasheet(PDF) 18 Page - NIC-Components Corp.

Part # NVR
Description  Leaded Metal Oxide Varistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVR Datasheet(HTML) 18 Page - NIC-Components Corp.

Back Button NVR Datasheet HTML 10Page - NIC-Components Corp. NVR Datasheet HTML 11Page - NIC-Components Corp. NVR Datasheet HTML 12Page - NIC-Components Corp. NVR Datasheet HTML 13Page - NIC-Components Corp. NVR Datasheet HTML 14Page - NIC-Components Corp. NVR Datasheet HTML 15Page - NIC-Components Corp. NVR Datasheet HTML 16Page - NIC-Components Corp. NVR Datasheet HTML 17Page - NIC-Components Corp. NVR Datasheet HTML 18Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
18
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Leaded Metal Oxide Varistors
NVR Series
AMMO PACK
H
= 60mm ± 5
L
= 185 or 275mm ± 5
W
= 348mm ± 5
W
L
H
TAPE & REEL
φD = 340mm ±10
φB = 31mm ± 1.0
A = (
φ5~14) 46, (φ20) 55
A±1
D
B
Lead Type
5mm Dia.
7mm Dia.
10mm Dia.
14mm Dia.
20mm Dia.
Straight
250
250
200
100
50
Cut
250
250
200
100
50
Kinked
-
200
200
100
50
BULK PACKAGE QUANTITY (PER BAG)
5mm Dia.
7mm Dia.
10mm Dia.
14mm Dia.
20mm Dia.
Varistor
Value
Quantity
Varistor
Value
Quantity
Varistor
Value
Quantity
Varistor
Value
Quantity
Varistor
Value
Quantity
180 ~ 391
1500
180 ~ 391
1500
180 ~ 911
1000
180 ~ 470
1000
180 ~ 681
500
431 ~ 751
1000
431 ~ 821
1000
102 ~ 112
750
560 ~ 391
750
751 ~ 182
250
-
-
-
-
122 ~ 182
500
431 ~ 182
500
-
-
TAPE & REEL QUANTITY (PER REEL)
TAPE & BOX QUANTITY (PER BOX)
5mm Dia.
7mm Dia.
10mm Dia.
14mm Dia.
20mm Dia.
Varistor
Value
Quantity
Varistor
Value
Quantity
Varistor
Value
Quantity
Varistor
Value
Quantity
Varistor
Value
Quantity
180 ~ 391
1000
180 ~ 821
1000
180 ~ 361
750
180 ~ 271
500
180 ~ 112
250
431 ~ 471
1200
-
-
391 ~ 621
500
301 ~ 112
250
122 ~ 182
200
511 ~ 751
1000
-
-
681 ~ 112
400
122 ~ 182
200
-
-
-
-
-
-
122 ~ 182
200
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com