Electronic Components Datasheet Search
  English  ▼

X  

NVR Datasheet(PDF) 16 Page - NIC-Components Corp.

Part # NVR
Description  Leaded Metal Oxide Varistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVR Datasheet(HTML) 16 Page - NIC-Components Corp.

Back Button NVR Datasheet HTML 10Page - NIC-Components Corp. NVR Datasheet HTML 11Page - NIC-Components Corp. NVR Datasheet HTML 12Page - NIC-Components Corp. NVR Datasheet HTML 13Page - NIC-Components Corp. NVR Datasheet HTML 14Page - NIC-Components Corp. NVR Datasheet HTML 15Page - NIC-Components Corp. NVR Datasheet HTML 16Page - NIC-Components Corp. NVR Datasheet HTML 17Page - NIC-Components Corp. NVR Datasheet HTML 18Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Leaded Metal Oxide Varistors
NVR Series
TAPING DIMENSIONS (mm)
Taping
Code
Dia.
P
0
±0.3
F
±1.0
P
±1.0
P
1
±1.0
P
2
±1.3
H
+2/-0
H
1
Max.
d
±0.02
W
0
±1.0
W
1
+0.75/-0.5
W
2
Max.
W
±1.0
ΔP
Max.
Δh
Max.
L
1
Max.
D
φ
±0.2
t
±0.2
Fig.
12.7mm
Sprocket
Hole
Pitch
5
12.7
5.0
12.7 3.85 6.35
18
28.0
0.6
12
9
3
18
1
2
0.5
4
0.6
A
7
12.7
5.0
12.7 3.85 6.35
18
30.0
0.6
12
9
3
18
1
2
0.5
4
0.6
A
10
12.7
7.5
12.7 8.95 12.7
18
33.5
0.8
12
9
3
18
1
2
0.5
4
0.6
D
14
12.7
7.5
25.4 8.95 12.7
18
38.0
0.8
12
9
3
18
1
2
0.5
4
0.6
B
20
12.7
7.5
25.4 8.95 12.7
18
40.5
0.8
12
9
3
18
1
2
0.5
4
0.6
B
20
12.7
10
38.1 7.70 12.7
18
40.5
1.0
12
9
3
18
1
2
0.5
4
0.6
C
15mm
Sprocket
Hole
Pitch
5
15
5.0
15
5.0
7.5
18
28.0
0.6
12
9
3
18
1
2
0.5
4
0.6
A
7
15
5.0
15
5.0
7.5
18
30.0
0.6
12
9
3
18
1
2
0.5
4
0.6
A
10
15
7.5
15
3.75
7.5
18
33.5
0.8
12
9
3
18
1
2
0.5
4
0.6
A
14
15
7.5
30
3.75
7.5
18
38.0
0.8
12
9
3
18
1
2
0.5
4
0.6
E
20
15
7.5
30
3.75
7.5
18
40.5
0.8
12
9
3
18
1
2
0.5
4
0.6
E
STRAIGHT LEADS
Δh
t
Δh
D
φ
P
0
P
P
1
F
W
2
H
W
H
1
d
Figure D
Figure B
P
1
P
P
Figure C
Figure A
D
φ
H
W
P
0
P
P
1
F
W
2
H
1
d
P
P
1
Figure E
ΔP ΔP
P
1
L
1
L
1
P
1
W
0
W
1
W
0
W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com