Electronic Components Datasheet Search
  English  ▼

X  

DP2-21 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DP2-21
Description  High-performance Digital Pressure Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-21 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DP2-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 10Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 11Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 12Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 13Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 14Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
MODE
31.6
1.244
18.7
0.736
50.3
1.980
20
0.787
30
1.181
34.5
1.358
24
0.945
41.5
1.634
28.5
1.122
"4.5 "0.177
mounting hole
Mounting oblong hole
DP2
806
28.2
1.110
14.5
0.571
5.5
0.217
4.5
0.177
6 0.236
24.5
0.965
20
0.787
11.4
0.449
50
1.969
1.6
0.063
11.5
0.453
30
1.181
20
0.787
12.5
0.492
20
0.787
"4.5 "0.177
mounting hole
3-"4.2 "0.165
mounting
holes
Mounting oblong hole
Back angled mounting bracket for standard type (Optional)
Assembly dimensions
MS-DPX-4
Panel cut-out dimensions
MODE
30
1.181
40
1.575
40
1.575
30
1.181
42.7
1.681
3 0.118
34
1.339
9.7
0.382
43.7
1.720
42.7
1.681
4.5
0.177
Panel mounting bracket, front protection cover for standard type (Optional)
Assembly dimensions
56
2.205
80
3.150
36
0.5
0
1.417
0.02
0
36
0.5
0
1.417
0.02
0
Note: The panel thickness should be 1 to 3.2 mm 0.039 to 0126 in.
MS-DPX-2
DPX-04
portion shows the front protection cover.
Material: Polycarbonate (Front protection cover)
Nylon 6, Stainless steel (SUS304)(Panel mounting bracket)
Material: Cold rolled carbon steel (SPCC)
(Uni-chrome plated)
Two M4 (length 6 mm 0.236 in) pan head screws
and two spring washers are attached.
DIMENSIONS (Unit: mm in) The CAD data in the dimensions can be downloaded from the SUNX website: http://www.sunx.co.jp/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com