Electronic Components Datasheet Search
  English  ▼

X  

DC2DU5L Datasheet(PDF) 9 Page - Altech corporation

Part # DC2DU5L
Description  Miniature Molded Case Circuit Breakers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC2DU5L Datasheet(HTML) 9 Page - Altech corporation

Back Button DC2DU5L Datasheet HTML 5Page - Altech corporation DC2DU5L Datasheet HTML 6Page - Altech corporation DC2DU5L Datasheet HTML 7Page - Altech corporation DC2DU5L Datasheet HTML 8Page - Altech corporation DC2DU5L Datasheet HTML 9Page - Altech corporation DC2DU5L Datasheet HTML 10Page - Altech corporation DC2DU5L Datasheet HTML 11Page - Altech corporation DC2DU5L Datasheet HTML 12Page - Altech corporation DC2DU5L Datasheet HTML 13Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
58
UL489 Listed Busbars
The Altech Busbar System is an
innovative way to jumper power to
Miniature Molded Circuit Breakers.
The advantages of this busbar
system are:
• 30% Installation time savings
• Panel space savings
• Reduced maintenance
• High electrical ratings
UL489BusbarSystem
• Every pin configuration is possible by combination of existing 6, 12 and 18 pin busbars.
• Power Feeding:
Power Feed Lug (115A), Direct Power Feed (115A)
• UL listed for Altech’s L-Series of Miniature Circuit Breakers
• UL listed for use with most popular UL489 Miniature Molded Circuit Breakers
in the market.
Altech UL489
Busbar System
TechnicalSpecifications
BusbarsUL489
MaterialofBusbar
Copper
MaterialofInsulation(Housing) Polyamid
ElectricalRatings
115A/480VAC
ShortCircuitWithstandRating 10kA
ApplyingStandards
UL489, VDE0660 Part 100,
IEC60749, DIN EN60947-1
UL489 recognized
E305318
Universal UL489 Busbar
fits most UL489 Miniature Circuit
Breakers in the market!
PleasecontactAltechfordetailsandfurtherinformation.
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com