Electronic Components Datasheet Search
  English  ▼

X  

DC2DU5L Datasheet(PDF) 3 Page - Altech corporation

Part # DC2DU5L
Description  Miniature Molded Case Circuit Breakers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC2DU5L Datasheet(HTML) 3 Page - Altech corporation

  DC2DU5L Datasheet HTML 1Page - Altech corporation DC2DU5L Datasheet HTML 2Page - Altech corporation DC2DU5L Datasheet HTML 3Page - Altech corporation DC2DU5L Datasheet HTML 4Page - Altech corporation DC2DU5L Datasheet HTML 5Page - Altech corporation DC2DU5L Datasheet HTML 6Page - Altech corporation DC2DU5L Datasheet HTML 7Page - Altech corporation DC2DU5L Datasheet HTML 8Page - Altech corporation DC2DU5L Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Warning!
This information should only be used as a selection guide. The use of a Miniature Circuit
Breaker in an application with a certain Trip-Characteristic always requires prototype
testing! It is the responsibility of the circuit design engineer to select the appropriate
Miniature Circuit Breaker for his specific application.
*The value of each characteristic is shown vertically beneath its corresponding heading.
Characteristic Trip Boundaries
Trip-Characteristics*
Type
Applications
C-Characteristics
D-Characteristics
Thermal Trip
Lighting
Control
Circuits
Wiring
Protection
Business
Equipment
Appliances
Transformers
Power
Supplies
Heaters
Must not
Trip>100ms
Must Trip
<1hr
Must not
Trip>100ms
Must Trip
at 100ms
Magnetic Trip
Low
Inrush
High
Inrush
Motors
Reactive
Load
1.05xRC
1.3xRC
5xRC
10xRC
1.05xRC
1.3xRC
10xRC
16xRC
1.05xRC
1.3xRC
5xRC
10xRC
1.05xRC
1.3xRC
10xRC
16xRC
AC
AC
DC
DC
14.5mm (0.57 in.)
17.5mm (0.69 in.)
6.5mm
(0.26 in.)
44mm (1.73 in.)
60mm (2.36 in.)
35mm (1.38 in.)
52.5mm (2.07 in.)
14.5mm (0.57 in.)
17.5mm (0.69 in.)
35mm (1.38 in.)
14.5mm (0.57 in.)
17.5mm (0.69 in.)
2
10-3
4x10-3
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
10-2
34
6 8 10 16 20
Multiple of Rated Current
C
C
D
D
CD
TimeversusCurrentTripCurve
For the exact trip curve,
please refer to page 56.
1 pole
2 pole
3 pole
Dimensionsinmm
sideview
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
52
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com