Electronic Components Datasheet Search
  English  ▼

X  

F4606U Datasheet(PDF) 2 Page - Fox Electronics

Part # F4606U
Description  LV-PECL 3.3V Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4606U Datasheet(HTML) 2 Page - Fox Electronics

  F4606U Datasheet HTML 1Page - Fox Electronics F4606U Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
107
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
Rev. 5/23/2014
lV-PEcl 3.3V oscillator
Rev. 5/23/2014
http://www.foxonline.com/need_a_sample.htm
F4600u sERiEs
Page 2 of 2
• taPE sPEciFications (millimeters)
MoDEl
F4600U Series
a
∅
1.5
b
4.0
c
8.0
D
7.5
E
16.0
F
2.15
STD Reel QTY
2,000
• REEl sPEciFications (millimeters)
G
2.0
H
∅
13
i
∅
21
J
∅
80
K
∅
255
l
17.5
M
2.0
MoDEl
F4600U Series
RoHs compliant / Pb Free / REacH compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com