Electronic Components Datasheet Search
  English  ▼

X  

F4606U Datasheet(PDF) 1 Page - Fox Electronics

Part # F4606U
Description  LV-PECL 3.3V Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4606U Datasheet(HTML) 1 Page - Fox Electronics

  F4606U Datasheet HTML 1Page - Fox Electronics F4606U Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
1
Inclusive of 25ºC tolerance after reflow, operating temperature range, supply voltage change, and
aging.
2
An internal pullup resistor from pin 1 to pin 6 allows active output if pin 1 is left open.
Notes:
*A 0.01µF capacitor should be placed between
Vdd (Pin 6) and GND (Pin 3) to
minimize power supply line noise.
*Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary.
All specifications subject to change without notice.
OUTPUT (Pin 4)
ACTIVE
ACTIVE
High Z
• EnablE / DisablE Function
(Pin 1)
OPEN2
'1' Level Vih ≥ 70% Vdd
'0' Level Vil ≤ 30% Vdd
OUTPUT (Pin 5)
ACTIVE
ACTIVE
High Z
FEatuREs
•
3.3V Operation
• -40 to +85ºC Operating Temperature
• LV-PECL Output
• 7x5mm Ceramic Package
• Low Phase Jitter (0.1pS RMS Max)
lV-PEcl 3.3V oscillator
Rev. 5/23/2014
http://www.foxonline.com/need_a_sample.htm
F4600u sERiEs
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
Frequency
Range (MHz)
70.000 ~ 170.000
70.000 ~ 170.000
70.000 ~ 170.000
70.000 ~ 170.000
70.000 ~ 170.000
70.000 ~ 170.000
F4600U
F4600RU
F4605U
F4605RU
F4606U
F4606RU
Model
Number
Part Number
535U-Frequency-xxxxx
536U-Frequency-xxxxx
537U-Frequency-xxxxx
538U-Frequency-xxxxx
539U-Frequency-xxxxx
540U-Frequency-xxxxx
• PaRt nuMbER sElEction
70.000 ~ 170.000 MHz
-55ºC ~ +125ºC
3.3V ± 5%
75mA
45% ~ 55%
1nS
1nS
1.68V
2.275V Min
50 Ohms into Vdd -2.0 Vdc
3mS
0.1 pS RMS
260ºC / 10 Seconds
Au over Ni
PARAMETERS
Frequency Range (Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
Output Symmetry (50% Vp-p)
Rise Time (Tr) (20% ~ 80% Vp-p)
Fall Time (Tf)(80% ~ 20% Vp-p)
Output Voltage
(Vol)
(Voh)
Output Load
Start-up Time
(Ts)
Phase Jitter
(12kHz to 20MHz)
Maximum Soldering Temp / Time
Termination Finish
• ElEctRical cHaRactERistics
MAX (unless otherwise noted)
Page 1 of 2
5.2 Max
1.6 Max
S olde r P a d L a y out
R e c om m e nde d
#1 #2 #3
#4
#1 #2
#4
#3
1.4
5.08
2.6
2.0
1.8
4.2
#5
#6
#5
#6
2.54 2.54
2.54
Pin connections
#1 E/D
#4 output 1
#2 nc*
#5 output 2
#3 GnD
#6 VDD
*nc is no connect
all dimensions are in millimeters.
7.2 Max
#1
0.207
RoHs compliant / Pb Free / REacH compliant


Similar Part No. - F4606U

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4606 FOX-F4606 Datasheet
209Kb / 2P
LV-PECL 7x5mm 3.3V OSCILLATOR
F4606R FOX-F4606R Datasheet
209Kb / 2P
LV-PECL 7x5mm 3.3V OSCILLATOR
More results

Similar Description - F4606U

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXOE71 GOLLEDGE-GXOE71 Datasheet
61Kb / 1P
3.3V Complementray LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72 Datasheet
97Kb / 2P
2.5V AND 3.3V LV-PECL Oscillator
logo
Fox Electronics
FCPAXT FOX-FCPAXT Datasheet
204Kb / 1P
3.3V, SMD, LV-PECL Oscillator
F4600 FOX-F4600 Datasheet
209Kb / 2P
LV-PECL 7x5mm 3.3V OSCILLATOR
logo
Golledge Electronics Lt...
GXO-E72 GOLLEDGE-GXO-E72_07 Datasheet
88Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
logo
Fox Electronics
VCP35AXT FOX-VCP35AXT Datasheet
143Kb / 1P
3.3V SMD LV-PECL OSCILLATOR
VCP65AXT FOX-VCP65AXT Datasheet
142Kb / 1P
3.3V SMD LV-PECL OSCILLATOR
logo
Golledge Electronics Lt...
GXO-E31 GOLLEDGE-GXO-E31 Datasheet
174Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
GXO-E71 GOLLEDGE-GXO-E71_16 Datasheet
151Kb / 2P
3.3V Complementary LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72_16 Datasheet
197Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com