Electronic Components Datasheet Search
  English  ▼

X  

LM48413 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM48413
Description  Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48413 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM48413 Datasheet HTML 3Page - Texas Instruments LM48413 Datasheet HTML 4Page - Texas Instruments LM48413 Datasheet HTML 5Page - Texas Instruments LM48413 Datasheet HTML 6Page - Texas Instruments LM48413 Datasheet HTML 7Page - Texas Instruments LM48413 Datasheet HTML 8Page - Texas Instruments LM48413 Datasheet HTML 9Page - Texas Instruments LM48413 Datasheet HTML 10Page - Texas Instruments LM48413 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LM48413
www.ti.com
SNAS460A – NOVEMBER 2008 – REVISED JANUARY 2009
Typical Performance Characteristics (continued)
Output Power/Channel vs Supply Voltage
PSRR and CMRR vs Frequency
RL = 8Ω, f = 1kHz, 22kHz BW
VDD = 3.6V, RL = 8Ω
Figure 10.
Figure 11.
Crosstalk vs Frequency
Supply Current vs Supply Voltage
VDD = 3.6V, PO = 500mW, RL = 8Ω
No Load
Figure 12.
Figure 13.
EMI Radiation vs Frequency
EMI Radiation vs Frequency
VDD = 3V, RL = 8Ω, 3 inch cables
VDD = 3V, RL = 8Ω, 6 inch cables
Figure 14.
Figure 15.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM48413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com