Electronic Components Datasheet Search
  English  ▼

X  

LM48413 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM48413
Description  Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48413 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM48413 Datasheet HTML 7Page - Texas Instruments LM48413 Datasheet HTML 8Page - Texas Instruments LM48413 Datasheet HTML 9Page - Texas Instruments LM48413 Datasheet HTML 10Page - Texas Instruments LM48413 Datasheet HTML 11Page - Texas Instruments LM48413 Datasheet HTML 12Page - Texas Instruments LM48413 Datasheet HTML 13Page - Texas Instruments LM48413 Datasheet HTML 14Page - Texas Instruments LM48413 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LM48413
www.ti.com
SNAS460A – NOVEMBER 2008 – REVISED JANUARY 2009
Figure 17. Single-Ended Circuit Diagram
AUDIO AMPLIFIER GAIN
The LM48413 has a fix gain value 24dB which is suitable for ordinary audio applications. To reduce the amplifier
gain, insert two pairs of external input resistors with same value before the IC’s input signal pins. Figure 18 show
the configuration of these input resistors and the amplifier’s internal gain setting. Accordingly, the overall amplifier
gain is given by Equation 3:
AV = 2 * (160k) / (20k + RIN )
(3)
For example, if the gain to be set is 12dB, then AV is equal to 4. Thus, Equation 3 the input resistors' value RIN =
[(2 * 160k)/4] –20k = 60k
Ω.
Figure 18. Audio Amplifier Gain Setting
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM48413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com