Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142 Datasheet(HTML) 95 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 91Page - Texas Instruments PCM5142 Datasheet HTML 92Page - Texas Instruments PCM5142 Datasheet HTML 93Page - Texas Instruments PCM5142 Datasheet HTML 94Page - Texas Instruments PCM5142 Datasheet HTML 95Page - Texas Instruments PCM5142 Datasheet HTML 96Page - Texas Instruments PCM5142 Datasheet HTML 97Page - Texas Instruments PCM5142 Datasheet HTML 98Page - Texas Instruments PCM5142 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 111 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
0011: Auto mute flag (asserted when both L and R channels are auto muted)
0100: Auto mute flag for left channel
0101: Auto mute flag for right channel
0110: Clock invalid flag (clock error or clock changing or clock missing)
0111: Serial audio interface data output (SDOUT)
1000: Analog mute flag for left channel (low active)
1001: Analog mute flag for right channel (low active)
1010: PLL lock flag
1011: Charge pump clock
1100: Reserved
1101: Reserved
1110: Under voltage flag, asserted when XSMUTE voltage is higher than 0.7 DVDD
1111: Under voltage flag, asserted when XSMUTE voltage is higher than 0.3 DVDD
Page 0 / Register 81
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
81
51
RSV
RSV
RSV
RSV
G2SL3
G2SL2
G2SL1
G2SL0
Reset Value
0
0
0
0
RSV
Reserved
Reserved. Do not access.
G2SL[3:0]
GPIO2 Output Selection
These bits select the signal to output to GPIO2. To actually output the selected signal, the GPIO2 must be set
to output mode at Page 0 / Register 8.
Default value: 0000
0000: off (low)
0001: DSP GPIO2 output
0010: Register GPIO2 output (Page 0 / Register 86, bit 1)
0011: Auto mute flag (asserted when both L and R channels are auto muted)
0100: Auto mute flag for left channel
0101: Auto mute flag for right channel
0110: Clock invalid flag (clock error or clock changing or clock missing)
0111: Serial audio interface data output (SDOUT)
1000: Analog mute flag for left channel (low active)
1001: Analog mute flag for right channel (low active)
1010: PLL lock flag
1011: Charge pump clock
1100: Reserved
1101: Reserved
1110: Under voltage flag, asserted when XSMUTE voltage is higher than 0.7 DVDD
1111: Under voltage flag, asserted when XSMUTE voltage is higher than 0.3 DVDD
Page 0 / Register 82
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
82
52
RSV
RSV
RSV
RSV
G3SL3
G3SL2
G3SL1
G3SL0
Reset Value
0
0
0
0
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
95
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com