Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 8Page - Texas Instruments PCM5142 Datasheet HTML 9Page - Texas Instruments PCM5142 Datasheet HTML 10Page - Texas Instruments PCM5142 Datasheet HTML 11Page - Texas Instruments PCM5142 Datasheet HTML 12Page - Texas Instruments PCM5142 Datasheet HTML 13Page - Texas Instruments PCM5142 Datasheet HTML 14Page - Texas Instruments PCM5142 Datasheet HTML 15Page - Texas Instruments PCM5142 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 111 page
background image
PCM5141, PCM5142
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512fS and 24-bit data unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply Requirements
DVDD
Digital supply voltage
Target DVDD = 1.8V
1.65
1.8
1.95
VDC
DVDD
Digital supply voltage
Target DVDD = 3.3V
3.0
3.3
3.6
AVDD
Analog supply voltage
3.0
3.3
3.6
VDC
CPVDD
Charge-pump suply voltage
3.0
3.3
3.6
fS = 48kHz, Input is Bipolar Zero data
11
14
IDD
DVDD supply current at 1.8V
(5)
fS = 96kHz, Input is Bipolar Zero data
12
mA
fS = 192kHz, Input is Bipolar Zero data
14
fS = 48kHz, Input is 1kHz -1dBFS data
11
14
IDD
DVDD supply current at 1.8V
(6)
fS = 96kHz, Input is 1kHz -1dBFS data
12
mA
fS = 192kHz, Input is 1kHz -1dBFS data
14
IDD
DVDD supply current at 1.8V
(7)
fS = N/A, Power Down Mode
0.3
0.6
mA
fS = 48kHz, Input is Bipolar Zero data
12
15
IDD
DVDD supply current at 3.3V
(5)
fS = 96kHz, Input is Bipolar Zero data
13
mA
fS = 192kHz, Input is Bipolar Zero data
15
fS = 48kHz, Input is 1kHz -1dBFS data
12
15
IDD
DVDD supply current at 3.3V
(6)
fS = 96kHz, Input is 1kHz -1dBFS data
13
mA
fS = 192kHz, Input is 1kHz -1dBFS data
15
IDD
DVDD supply current at 3.3V
(7)
fS = N/A, Power Down Mode
0.5
0.8
mA
fS = 48kHz, Input is Bipolar Zero data
11
16
ICC
AVDD / CPVDD Supply Current
(5)
fS = 96kHz, Input is Bipolar Zero data
11
mA
fS = 192kHz, Input is Bipolar Zero data
11
fS = 48kHz, Input is 1kHz -1dBFS data
24
32
ICC
AVDD / CPVDD Supply Current
(6)
fS = 96kHz, Input is 1kHz -1dBFS data
24
mA
fS = 192kHz, Input is 1kHz -1dBFS data
24
ICC
AVDD / CPVDD Supply Current
(7)
fS = N/A, Power Down Mode
0.2
0.4
mA
fS = 48kHz, Input is Bipolar Zero data
59.4
78
Power Dissipation, DVDD = 1.8V
(5)
fS = 96kHz, Input is Bipolar Zero data
61.2
mW
fS = 192kHz, Input is Bipolar Zero data
64.8
fS = 48kHz, Input is 1kHz -1dBFS data
99
130.8
Power Dissipation, DVDD = 1.8V
(6)
fS = 96kHz, Input is 1kHz -1dBFS data
100.8
mW
fS = 192kHz, Input is 1kHz -1dBFS data
104.4
Power Dissipation, DVDD = 1.8V
(7)
fS = N/A, Power Down Mode
1.2
mW
fS = 48kHz, Input is Bipolar Zero data
79.2
103
Power Dissipation, DVDD = 3.3V
(5)
fS = 96kHz, Input is Bipolar Zero data
82.5
mW
fS = 192kHz, Input is Bipolar Zero data
89.1
fS = 48kHz, Input is 1kHz -1dBFS data
118.8
155
Power Dissipation, DVDD = 3.3V
(6)
fS = 96kHz, Input is 1kHz -1dBFS data
122.1
mW
fS = 192kHz, Input is 1kHz -1dBFS data
128.7
Power Dissipation, DVDD = 3.3V
(7)
fS = N/A, Power Down Mode
2.3
4.0
mW
(5)
Input is Bipolar Zero data.
(6)
Input is 1kHz -1dBFS data
(7)
Power Down Mode, with LRCK, BCK, and SCK halted at Low level.
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com