Electronic Components Datasheet Search
  English  ▼

X  

PC16552D Datasheet(PDF) 18 Page - Texas Instruments

Part # PC16552D
Description  Dual Universal Asynchronous Receiver/Transmitter with FIFOs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PC16552D Datasheet(HTML) 18 Page - Texas Instruments

Back Button PC16552D Datasheet HTML 14Page - Texas Instruments PC16552D Datasheet HTML 15Page - Texas Instruments PC16552D Datasheet HTML 16Page - Texas Instruments PC16552D Datasheet HTML 17Page - Texas Instruments PC16552D Datasheet HTML 18Page - Texas Instruments PC16552D Datasheet HTML 19Page - Texas Instruments PC16552D Datasheet HTML 20Page - Texas Instruments PC16552D Datasheet HTML 21Page - Texas Instruments PC16552D Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
80 Registers (Continued)
Bit 4
This bit is the Break Interrupt (BI) indicator Bit 4 is set
to a logic 1 whenever the received data input is held in the
Spacing (logic 0) state for longer than a full word transmis-
sion time (that is the total time of Start bit a data bits a
Parity a Stop bits) The BI indicator is reset whenever the
CPU reads the contents of the Line Status Register or when
the next valid character is loaded into the Receiver Buffer
Register In the FIFO Mode this condition is associated with
the particular character in the FIFO it applies to It is re-
vealed to the CPU when its associated character is at the
top of the FIFO When break occurs only one zero character
is loaded into the FIFO The next character transfer is en-
abled after SIN goes to the marking state and receives the
next valid start bit
Note
Bits 1 through 4 are the error conditions that produce a Receiver Line
Status interrupt whenever any of the corresponding conditions are
detected and the interrupt is enabled
Bit 5
This bit is the Transmitter Holding Register Empty
(THRE) indicator In the 16450 mode bit 5 indicates that the
associated serial channel is ready to accept a new charac-
ter for transmission In addition this bit causes the DUART
to issue an interrupt to the CPU when the Transmit Holding
Register Empty Interrupt enable is set high The THRE bit is
set to a logic 1 when a character is transferred from the
Transmitter Holding Register into the Transmitter Shift Reg-
ister The bit is reset to logic 0 concurrently with the loading
of the Transmitter Holding Register by the CPU In the FIFO
mode this bit is set when the XMIT FIFO is empty it is
cleared when at least 1 byte is written to the XMIT FIFO
Bit 6
This bit is the Transmitter Empty (TEMT) indicator Bit
6 is set to a logic 1 whenever the Transmitter Holding Regis-
ter (THR) and the Transmitter Shift Register (TSR) are both
empty It is reset to a logic 0 whenever either the THR or
TSR contains a data character In the FIFO mode this bit is
set to one whenever the transmitter FIFO and shift register
are both empty
Bit 7
In the 16450 Mode this is a 0 In the FIFO Mode LSR7
is set when there is at least one parity error framing error or
break indication in the FIFO LSR7 is cleared when the CPU
reads the LSR if there are no subsequent errors in the
FIFO
Note
The Line Status Register is intended for read operations only Writing
to this register is not recommended as this operation is only used for
factory testing In the FIFO mode the user must load a data byte into
the Rx FIFO in order to write to LSR2–4 LSR0 and LSR7 cannot be
written to in the FIFO mode
85 FIFO CONTROL REGISTER
This is a write only register at the same location as the IIR
(the IIR is a read only register) This register is used to en-
able the FIFOs clear the FIFOs set the RCVR FIFO trigger
level and select the type of DMA signalling
Bit 0
Writinga1to FCR0 enables both the XMIT and RCVR
FIFOs Resetting FCR0 will clear all bytes in both FIFOs
When changing from FIFO Mode to 16450 Mode and vice
versa data is automatically cleared from the FIFOs This bit
must be a 1 when other FCR bits are written to or they will
not be programmed
Bit 1
Writinga1to FCR1 clears all bytes in the RCVR FIFO
and resets its counter logic to 0 The shift register is not
cleared The 1 that is written to this bit position is self-clear-
ing
Bit 2
Writinga1to FCR2 clears all bytes in the XMIT FIFO
and resets its counter logic to 0 The shift register is not
cleared The 1 that is written to this bit position is self-clear-
ing
Bit 3
Writinga1to FCR3 causes RXRDY and TXRDY oper-
ations to change from mode 0 to mode 1 if FCR0e1
RXRDY Mode 0
When in the 16450 Mode (FCR0 e 0) or
in the FIFO Mode (FCR0 e 1 FCR3 e 0) and there is at
least 1 character in the RCVR FIFO or RCVR Buffer Regis-
ter the RXRDY pin will go low active Once active the
RXRDY pin will go inactive when there are no more charac-
ters in the FIFO or Buffer Register
TABLE IV Baud Rates Divisors and Crystals
18432 MHz Crystal
3072 MHz Crystal
18432 MHz Crystal
Baud Rate
Decimal Divisor
Percent Error
Decimal Divisor
Percent Error
Decimal Divisor
Percent Error
for 16 c Clock
for 16 c Clock
for 16 c Clock
50
2304
3840
23040
75
1536
2560
15360
110
1047
0026
1745
0026
10473
1345
857
0058
1428
0034
8565
150
768
1280
7680
300
384
640
3840
600
192
320
1920
1200
96
160
920
1800
64
107
0312
640
2000
58
069
96
576
2400
48
80
480
3600
32
53
0628
320
4800
24
40
240
7200
16
27
123
160
9600
12
20
120
19200
6
10
60
38400
3
5
30
56000
2
286
21
204
128000
9
Note
For baud rates of 250k 300k 375k 500k 750k and 15M using a 24 MHz crystal causes minimal error
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com