Electronic Components Datasheet Search
  English  ▼

X  

PC16552D Datasheet(PDF) 19 Page - Texas Instruments

Part # PC16552D
Description  Dual Universal Asynchronous Receiver/Transmitter with FIFOs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PC16552D Datasheet(HTML) 19 Page - Texas Instruments

Back Button PC16552D Datasheet HTML 15Page - Texas Instruments PC16552D Datasheet HTML 16Page - Texas Instruments PC16552D Datasheet HTML 17Page - Texas Instruments PC16552D Datasheet HTML 18Page - Texas Instruments PC16552D Datasheet HTML 19Page - Texas Instruments PC16552D Datasheet HTML 20Page - Texas Instruments PC16552D Datasheet HTML 21Page - Texas Instruments PC16552D Datasheet HTML 22Page - Texas Instruments PC16552D Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
80 Registers (Continued)
RXRDY Mode 1
In the FIFO Mode (FCR0 e 1) when the
FCR3 e 1 and the trigger level or the timeout has been
reached the RXRDY pin will go low active Once it is acti-
vated it will go inactive when there are no more characters
in the FIFO
TXRDY Mode 0
In the 16450 Mode (FCR0 e 0) or in the
FIFO Mode (FCR0 e 1 FCR3 e 0) when there are no
characters in the XMIT FIFO or XMIT Holding Register the
TXRDY pin will go low active Once active the TXRDY pin
will go inactive after the first character is loaded into the
XMIT FIFO or Holding Register
TXRDY Mode 1
In the FIFO Mode (FCR0 e 1 FCR3 e 1)
and when there are no characters in the XMIT FIFO the
TXRDY pin will go low active This pin will become inactive
when the XMIT FIFO is completely full
Bit 4 5
FCR4 to FCR5 are reserved for future use
Bit 6 7
FCR6 and FCR7 are used to designate the interrupt
trigger level When the number of bytes in the RCVR FIFO
equals the designated interrupt trigger level a Received
Data Available Interrupt is activated This interrupt must be
enabled by setting IER0
FCR Bits
RCVR FIFO
7
6
Trigger Level (Bytes)
00
01
01
04
10
08
11
14
86 INTERRUPT IDENTIFICATION REGISTER
In order to provide minimum software overhead during data
character transfers each serial channel of the DUART prior-
itizes interrupts into four levels and records these in the
Interrupt Identification Register The four levels of interrupt
conditions in order of priority are Receiver Line Status Re-
ceived Data Ready Transmitter Holding Register Empty
and MODEM Status
When the CPU reads the IIR the associated DUART serial
channel freezes all interrupts and indicates the highest pri-
ority pending interrupt to the CPU While this CPU access is
occurring the associated DUART serial channel records
new interrupts but does not change its current indication
until the access is complete Table II shows the contents of
the IIR Details on each bit follow
Bit 0
This bit can be used in a prioritized interrupt environ-
ment to indicate whether an interrupt is pending When bit 0
is a logic 0 an interrupt is pending and the IIR contents may
be used as a pointer to the appropriate interrupt service
routine When bit 0 is a logic 1 no interrupt is pending
Bits 1 and 2
These two bits of the IIR identify the highest
priority interrupt pending from those shown in Table V
Bit 3
In the 16450 Mode this bit is 0 In the FIFO Mode this
bit is set along with bit 2 when a timeout interrupt is pending
Bits 4 and 5
These two bits of the IIR are always logic 0
Bits 6 and 7
These two bits are set when FCR0 e 1
(FIFO Mode enabled)
TABLE V Interrupt Control Functions
FIFO
Interrupt
Mode
Identification
Interrupt Set and Reset Functions
Only
Register
Bit 3
Bit 2 Bit 1 Bit 0
Priority
Interrupt Type
Interrupt Source
Interrupt Reset Control
Level
0
0
0
1
None
None
0
1
1
0
Highest Receiver Line Status
Overrun Error or Parity Error or
Reading the Line Status
Framing Error or Break Interrupt
Register
0
1
0
0
Second Received Data Available Receiver Data Available or Trigger
Reading the Receiver Buffer
Level Reached
Register or the FIFO Drops
below the Trigger Level
1
1
0
0
Second Character Timeout
No Characters Have Been
Reading the Receiver
Removed from or Input to the
Indication
Buffer Register
RCVR FIFO During the Last 4 Char
Times and There is at Least 1 Char
in it During This Time
0
0
1
0
Third
Transmitter Holding
Transmitter Holding
Reading the IIR Register (if
Source of Interrupt) or Writing
Register Empty
Register Empty
into the Transmitter Holding
Register
0
0
0
0
Fourth
MODEM Status
Clear to Send or Data Set Ready or
Reading the MODEM
Ring Indicator or Data Carrier
Status Register
Detect
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com