Electronic Components Datasheet Search
  English  ▼

X  

AFE5809 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5809 Datasheet(HTML) 36 Page - Texas Instruments

Back Button AFE5809 Datasheet HTML 32Page - Texas Instruments AFE5809 Datasheet HTML 33Page - Texas Instruments AFE5809 Datasheet HTML 34Page - Texas Instruments AFE5809 Datasheet HTML 35Page - Texas Instruments AFE5809 Datasheet HTML 36Page - Texas Instruments AFE5809 Datasheet HTML 37Page - Texas Instruments AFE5809 Datasheet HTML 38Page - Texas Instruments AFE5809 Datasheet HTML 39Page - Texas Instruments AFE5809 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
AFE5809
SLOS738D – SEPTEMBER 2012 – REVISED JANUARY 2014
www.ti.com
VCA Register Map
Table 7. VCA Register Map
ADDRESS
ADDRESS
DEFAULT
FUNCTION
DESCRIPTION
(DEC)
(HEX)
VALUE
51[0]
0x33[0]
0
RESERVED
0
51[3:1]
0x33[3:1]
0
LPF_PROGRAMMABILITY
000: 15 MHz,
010: 20 MHz,
011: 30 MHz,
100: 10 MHz.
Please note: 0x3D[14], that is 5 MHz LPF, should
be set as 0.
51[4]
0x33[4]
0
PGA_INTEGRATOR_DISABLE
0: Enable
(PGA_HPF_DISABLE)
1: Disable offset integrator for PGA. See the
explanation for the PGA integrator function in the
APPLICATION INFORMATION section
51[7:5]
0x33[7:5]
0
PGA_CLAMP_LEVEL
Low Noise mode: 53[11:10] = 00
000: –2 dBFS
010: 0 dBFS
1XX: Clamp is disabled
Low power/Medium Power mode; 53[11:10] =
01/10
100: –2 dBFS
110: 0 dBFS
0XX: clamp is disabled
Note: the clamp circuit makes sure that PGA
output is in linear range. For example, at 000
setting, PGA output HD3 will be worsen by 3 dB at
–2 dBFS ADC input. In normal operation, clamp
function can be set as 000 in the low noise mode.
The maximum PGA output level can exceed 2Vpp
with the clamp circuit enabled.
Note: in the low power and medium power modes,
PGA_CLAMP is disabled for saving power if 51[7]
= 0. .
Note: Reg.61[15] should be set as 0; otherwise
PGA_CLAMP_LEVEL is affected by Reg. 61[15].
51[13]
0x33[13]
0
PGA_GAIN_CONTROL
0:24 dB;
1:30 dB.
52[4:0]
0x34[4:0]
0
ACTIVE_TERMINATION_
SeeTable 9 Reg 52[5] should be set as '1' to
INDIVIDUAL_RESISTOR_CNTL
access these bits
52[5]
0x34[5]
0
ACTIVE_TERMINATION_
0: Disable;
INDIVIDUAL_RESISTOR_ENABLE
1: Enable internal active termination individual
resistor control
52[7:6]
0x34[7:6]
0
PRESET_ACTIVE_ TERMINATIONS
00: 50
Ω,
01: 100
Ω
10: 200
Ω
11: 400
Ω
(Note: the device will adjust resistor mapping
(52[4:0]) automatically. 50-
Ω active termination is
NOT supported in 12 dB LNA setting. Instead, '00'
represents high impedance mode when LNA gain
is 12 dB)
52[8]
0x34[8]
0
ACTIVE TERMINATION ENABLE
0: Disable;
1: Enable active termination
52[10:9]
0x34[10:9]
0
LNA_INPUT_CLAMP_SETTING
00: Auto setting,
01: 1.5 Vpp,
10: 1.15 Vpp and
11: 0.6 Vpp
52[11]
0x34[11]
0
RESERVED
Set to 0
36
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com