Electronic Components Datasheet Search
  English  ▼

X  

AFE5809 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5809 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE5809 Datasheet HTML 35Page - Texas Instruments AFE5809 Datasheet HTML 36Page - Texas Instruments AFE5809 Datasheet HTML 37Page - Texas Instruments AFE5809 Datasheet HTML 38Page - Texas Instruments AFE5809 Datasheet HTML 39Page - Texas Instruments AFE5809 Datasheet HTML 40Page - Texas Instruments AFE5809 Datasheet HTML 41Page - Texas Instruments AFE5809 Datasheet HTML 42Page - Texas Instruments AFE5809 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
AFE5809
www.ti.com
SLOS738D – SEPTEMBER 2012 – REVISED JANUARY 2014
Table 7. VCA Register Map (continued)
ADDRESS
ADDRESS
DEFAULT
FUNCTION
DESCRIPTION
(DEC)
(HEX)
VALUE
61[15]
0x3D[15]
0
PGA_CLAMP_-6dBFS
0: Disable the –6 dBFS clamp. PGA_CLAMP is
set by Reg51[7:5].
1: Enable the –6 dBFS clamp.PGA_CLAMP
Reg51[7:5] should be set as 000 in the low
noise mode or 100 in the low/medium power
mode. In this setting, PGA output HD3 will be
worsen by 3 dB at –6 dBFS ADC input. The actual
PGA output is reduced to approximately 1.5 Vpp,
about 2.5 dB below the ADC full scale input 2
Vpp . As a result, AFE5809’s low pass filter (LPF)
is not saturated and it can suppress harmonic
signals better at PGA output. Due to PGA output
reduction, the ADC output dynamic range is
impacted.
Note: this bit is supported by AFE5809 with date
code later than 2014, that is date code >41XXXX.
VCA Register Description
LNA Input Impedances Configuration (Active Termination Programmability)
Different LNA input impedances can be configured through the register 52[4:0]. By enabling and disabling the
feedback resistors between LNA outputs and ACTx pins, LNA input impedance is adjustable accordingly. Table 8
describes the relationship between LNA gain and 52[4:0] settings. The input impedance settings are the same for
both TGC and CW paths.
The AFE5809 also has 4 preset active termination impedances as described in 52[7:6]. An internal decoder is
used to select appropriate resistors corresponding to different LNA gain.
Table 8. Register 52[4:0] Description
52[4:0]/0x34[4:0]
FUNCTION
00000
No feedback resistor enabled
00001
Enables 450-
Ω feedback resistor
00010
Enables 900-
Ω feedback resistor
00100
Enables 1800-
Ω feedback resistor
01000
Enables 3600-
Ω feedback resistor
10000
Enables 4500-
Ω feedback resistor
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com