Electronic Components Datasheet Search
  English  ▼

X  

SM4T6V7AY Datasheet(PDF) 6 Page - STMicroelectronics

Part # SM4T6V7AY
Description  Automotive 400 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T6V7AY Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SM4T6V7AY Datasheet HTML 2Page - STMicroelectronics SM4T6V7AY Datasheet HTML 3Page - STMicroelectronics SM4T6V7AY Datasheet HTML 4Page - STMicroelectronics SM4T6V7AY Datasheet HTML 5Page - STMicroelectronics SM4T6V7AY Datasheet HTML 6Page - STMicroelectronics SM4T6V7AY Datasheet HTML 7Page - STMicroelectronics SM4T6V7AY Datasheet HTML 8Page - STMicroelectronics SM4T6V7AY Datasheet HTML 9Page - STMicroelectronics SM4T6V7AY Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Characteristics
SM4TY
6/12
Doc ID 17862 Rev 3
Figure 12.
ISO7637-2 pulse 1 response (VS = -100 V)
Figure 13.
ISO7637-2 pulse 2a response (VS = 50 V)
10
-10
0
-40
-30
-20
-50
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
Voltage (V)
Voltage
Current
Current (A)
Time (ms)
Time (ms)
SM4T39AY
SM4T39CAY
SM4T39AY
SM4T39CAY
-15
-10
0.0
0
5
50
10
20
30
40
0
-51
-1
49
99
149
199
249
-51
-1
49
99
149
199
249
0
4
-4
Voltage (V)
Voltage
Current
Current (A)
Time (µs)
Time (µs)
SM4T39AY
SM4T39CAY
SM4T39AY
SM4T39CAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com