Electronic Components Datasheet Search
  English  ▼

X  

SM4T6V7AY Datasheet(PDF) 7 Page - STMicroelectronics

Part # SM4T6V7AY
Description  Automotive 400 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T6V7AY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SM4T6V7AY Datasheet HTML 3Page - STMicroelectronics SM4T6V7AY Datasheet HTML 4Page - STMicroelectronics SM4T6V7AY Datasheet HTML 5Page - STMicroelectronics SM4T6V7AY Datasheet HTML 6Page - STMicroelectronics SM4T6V7AY Datasheet HTML 7Page - STMicroelectronics SM4T6V7AY Datasheet HTML 8Page - STMicroelectronics SM4T6V7AY Datasheet HTML 9Page - STMicroelectronics SM4T6V7AY Datasheet HTML 10Page - STMicroelectronics SM4T6V7AY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SM4TY
Characteristics
Doc ID 17862 Rev 3
7/12
Figure 14.
ISO7637-2 pulse 3a response (VS = -150 V)
Figure 15.
ISO7637-2 pulse 3b response (VS = 100 V)
Note:
ISO7637-2 pulses responses are not applicable for product with a stand off voltage lower
than the average battery voltage (13.5 V).
-60
-50
-40
-30
-20
-10
0
10
20
30
-2
-1.5
-1
-0.5
0
0.5
-2.5
-0.2
0.8
1.8
0.0
0.0
0.0
-0.2
0.8
1.8
0.0
0.0
0.0
Voltage (V)
Voltage
Current
Current (A)
Time (µs)
Time (µs)
SM4T39AY
SM4T39CAY
SM4T39AY
SM4T39CAY
0
20
30
40
50
10
-0.2
1.8
0.8
-0.4
1.2
0.8
0.4
0.0
-0.2
1.8
0.8
-0.2
1.8
0.8
SM4T39AY
SM4T39CAY
SM4T39AY
SM4T39CAY
Voltage (V)
Voltage
Current
Current (A)
Time (µs)
Time (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com