Electronic Components Datasheet Search
  English  ▼

X  

SF2002E Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF2002E
Description  942.5 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2002E Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF2002E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2002E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2002E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2002E Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2002E Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 5
©2009-2010 by RF Monolithics, Inc.
SF2002E - 7/21/10
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Operating Frequency
fC
942.5
MHz
Passband Insertion Loss, 925 to 960 MHz
IL
2.2
3.0
dB
Amplitude Ripple, 925 to 960 MHz
0.8
1.5
dBP-P
Attenuation Referenced to 0 dB:
DC to 905 MHz
17.0
20.5
dB
905 to 915 MHz
5.0
15.0
dB
980 to 1000 MHz
13.0
30.0
dB
1000 to 2000 MHz
20.0
23.0
dB
VSWR, 925 to 960 MHz
2.2
2.7
dB
Source Impedance
1
50
Ω
Load Impedance
1
50
Ω
Case Style
SM3030-6 3 x 3 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week, D=day)
597 YYWWD
Connection
Terminals
Input
2
Output
5
Ground
All others
SM3030-6
• RF Filter for EGSM
• Low-loss Design
• No Matching Circuit Required
• 3.0 x 3.0 x 1.3 mm Package
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Input Power
+15
dBm
DC Voltage on any Non-ground Terminal
-5 to +5
VDC
Operating Temperature Range
-30 to +85
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Maximum Soldering Profile, 5 Cycles/10 seconds Maximum
265
°C
942.5 MHz
SAW Filter
SF2002E
1.
Unless noted otherwise, all specifications apply over the operating temper-
ature range with filter soldered to the specified demonstration board with
impedance matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the
nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the
passband. Rejection in final user application is dependent on PCB layout
and external impedance matching design. See Application Note No. 42
for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production"
and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are
subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1
and Port 2, so that the filter must always be installed in one direction per
the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered
trademarks of RF Monolithics, Inc.
50
50
SAW Filter
TOP VIEW
pin 2
pin 5
All Others
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:


Similar Part No. - SF2002E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2002E RFM-SF2002E Datasheet
239Kb / 5P
942.5 MHz SAW Filter
More results

Similar Description - SF2002E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855966 TRIQUINT-855966 Datasheet
707Kb / 8P
942.5 MHz SAW Filter
856055 TRIQUINT-856055 Datasheet
441Kb / 5P
942.5 MHz SAW Filter
856387 TRIQUINT-856387 Datasheet
617Kb / 7P
942.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1004A TAI-SAW-TA1004A Datasheet
1Mb / 6P
SAW Filter 942.5 MHz
logo
TriQuint Semiconductor
855810 TRIQUINT-855810_15 Datasheet
532Kb / 5P
942.5 MHz SAW Filter
855820 TRIQUINT-855820_15 Datasheet
344Kb / 7P
942.5 MHz SAW Filter
856528 TRIQUINT-856528_15 Datasheet
580Kb / 5P
942.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0152B TAI-SAW-TA0152B Datasheet
1Mb / 7P
SAW Filter 942.5 MHz
TA0394B TAI-SAW-TA0394B Datasheet
910Kb / 7P
SAW Filter 942.5 MHz
TA1743B TAI-SAW-TA1743B Datasheet
625Kb / 8P
SAW Filter 942.5 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com