Electronic Components Datasheet Search
  English  ▼

X  

SF2002E Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SF2002E
Description  942.5 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2002E Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SF2002E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2002E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2002E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2002E Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2002E Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 4 of 5
©2009-2010 by RF Monolithics, Inc.
SF2002E - 7/21/10
SM3030-6 Case
TOP VIEW
BOTTOM VIEW
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
EF
GH
I
K
K
O
M
M
N
N
N
L
6-Terminal Ceramic Surface-Mount Case
3.0 X 3.0 mm Nominal Footprint
Case and PCB Footprint Dimensions
Case Materials
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.00
3.13
0.113
0.118
0.123
B
2.87
3.00
3.13
0.113
0.118
0.123
C
1.12
1.25
1.38
0.044
0.049
0.054
D
0.77
0.90
1.03
0.030
0.035
0.040
E
2.67
2.80
2.93
0.105
0.110
0.115
F
1.47
1.60
1.73
0.058
0.063
0.068
G
0.72
0.85
0.98
0.028
0.033
0.038
H
1.37
1.50
1.63
0.054
0.059
0.064
I
0.47
0.60
0.73
0.019
0.024
0.029
J
1.17
1.30
1.43
0.046
0.051
0.056
K
3.20
0.126
L
1.70
0.067
M
1.05
0.041
N
0.81
0.032
O
0.38
0.015
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
PCB Footprint Top View



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com