Electronic Components Datasheet Search
  English  ▼

X  

690B Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 690B
Description  Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

690B Datasheet(HTML) 5 Page - Vishay Siliconix

  690B Datasheet HTML 1Page - Vishay Siliconix 690B Datasheet HTML 2Page - Vishay Siliconix 690B Datasheet HTML 3Page - Vishay Siliconix 690B Datasheet HTML 4Page - Vishay Siliconix 690B Datasheet HTML 5Page - Vishay Siliconix 690B Datasheet HTML 6Page - Vishay Siliconix 690B Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Alternative Device Available
SFH690ABT, SFH690AT, SFH690BT, SFH690CT, SFH690DT
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 23-May-13
5
Document Number: 83686
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Normalized Current Transfer Ratio (sat) vs.
Ambient Temperature
Fig. 8 - Normalized Current Transfer Ratio (NS) vs.
Ambient Temperature
Fig. 9 - Normalized CTR (NS) vs. Forward Current
Fig. 10 - Normalized CTR (sat) vs. Forward Current
Fig. 11 - FCTR vs. Phase Angle
Fig. 12 - FCTR vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
- 60 - 40 - 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
Normalized to:
I
F = 5 mA, VCE = 5 V, Tamb = 25 °C
I
F = 10 mA
I
F = 5 mA
I
F = 1 mA
0
0.2
0.4
0.6
0.8
1.0
1.2
- 60 - 40 - 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
V
CE =0.4 V
Normalized to:
I
F = 5 mA, VCE = 5 V, Tamb = 25 °C
I
F = 5 mA
I
F = 10 mA
I
F = 1 mA
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
100
I
F - Forward Current (mA)
Normalized to:
I
F = 5 A, VCE = 5 V,
T
amb = 25 °C
T
amb = 0 °C
T
amb = 100 °C
T
amb = 75 °C
T
amb = - 55 °C
T
amb = 25 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
I
F - Forward Current (mA)
V
CE = 0.4 V
Normalized to:
I
F = 5 mA,
V
CE = 5 V,
T
amb = 25 °C
T
amb = 0 °C
T
amb = 75 °C
T
amb = - 55 °C
T
amb = 25 °C
T
amb = 100 °C
- 160
- 140
- 120
- 100
-80
-60
-40
-20
0
1
10
100
1000
f (kHz)
V
CE = 5 V
1
10
100
1000
0.1
1
10
100
I
C (mA)
V
CC = 5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com