Electronic Components Datasheet Search
  English  ▼

X  

690B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 690B
Description  Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

690B Datasheet(HTML) 3 Page - Vishay Siliconix

  690B Datasheet HTML 1Page - Vishay Siliconix 690B Datasheet HTML 2Page - Vishay Siliconix 690B Datasheet HTML 3Page - Vishay Siliconix 690B Datasheet HTML 4Page - Vishay Siliconix 690B Datasheet HTML 5Page - Vishay Siliconix 690B Datasheet HTML 6Page - Vishay Siliconix 690B Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Alternative Device Available
SFH690ABT, SFH690AT, SFH690BT, SFH690CT, SFH690DT
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 23-May-13
3
Document Number: 83686
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Fig. 2 - Switching Operation (without Saturation)
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 5 mA
VF
1.15
1.4
V
Reverse current
VR = 6 V
IR
0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
14
pF
Thermal resistance
RthJA
750
K/W
OUTPUT
Collector emitter leakage current
VCE = 20 V
ICEO
100
nA
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
2.8
pF
Thermal resistance
RthJA
500
K/W
COUPLER
Collector emitter saturation voltage
IF = 10 mA, IC = 2 mA
VCEsat
0.1
0.3
V
Coupling capacitance
f = 1 MHz
CC
0.3
pF
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 5 mA, VCE = 5 V
SFH690ABT
CTR
50
300
%
SFH690AT
CTR
50
150
%
SFH690BT
CTR
100
300
%
SFH690CT
CTR
100
200
%
SFH690DT
CTR
200
400
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Rise time
IC = 2 mA, VCC = 5 V, RL = 100 
tr
3μs
Fall time
IC = 2 mA, VCC = 5 V, RL = 100 
tf
4μs
Turn-on time
IC = 2 mA, VCC = 5 V, RL = 100 
ton
5μs
Turn-off time
IC = 2 mA, VCC = 5 V, RL = 100 
toff
3μs
isfh690at_01
R L =100 Ω
V CC =5V
50
Ω
I F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com