Electronic Components Datasheet Search
  English  ▼

X  

SF2091C Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF2091C
Description  Low Insertion Loss
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2091C Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF2091C Datasheet HTML 1Page - RF Monolithics, Inc SF2091C Datasheet HTML 2Page - RF Monolithics, Inc SF2091C Datasheet HTML 3Page - RF Monolithics, Inc SF2091C Datasheet HTML 4Page - RF Monolithics, Inc SF2091C Datasheet HTML 5Page - RF Monolithics, Inc SF2091C Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 6
©2009-2010 by RF Monolithics, Inc.
SF2091C - 6/14/10
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
4.80
5.00
5.20
0.189
0.197
0.205
B
4.80
5.00
5.20
0.189
0.197
0.205
C
1.30
1.50
1.70
0.050
0.060
0.067
D
1.98
2.08
2.18
0.078
0.082
0.086
E
1.07
1.17
1.27
0.042
0.046
0.050
F
0.50
0.64
0.70
0.020
0.025
0.028
G
2.39
2.54
2.69
0.094
0.100
0.106
H
1.27
0.050
I
0.76
0.030
J
1.55
0.061
K
2.79
0.110
L
0.76
0.030
M
2.36
0.093
N
1.55
0.061
O
2.79
0.110
P
2.79
0.110
Q
2.79
0.110
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
SM5050-8 Surface-Mount 8-Terminal Ceramic Case
5.0 X 5.0 mm Nominal Footprint
TOP VIEW
BOTTOM VIEW
Case Materials
PCB Footprint
A
1
2
3
B
7
6
5
4
C
D 7
6
5
4
E
F
G
1
2
3
8
8
H
I
J
K
L
M
N
O
P
Q



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com