Electronic Components Datasheet Search
  English  ▼

X  

SF2091C Datasheet(PDF) 6 Page - RF Monolithics, Inc

Part # SF2091C
Description  Low Insertion Loss
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2091C Datasheet(HTML) 6 Page - RF Monolithics, Inc

  SF2091C Datasheet HTML 1Page - RF Monolithics, Inc SF2091C Datasheet HTML 2Page - RF Monolithics, Inc SF2091C Datasheet HTML 3Page - RF Monolithics, Inc SF2091C Datasheet HTML 4Page - RF Monolithics, Inc SF2091C Datasheet HTML 5Page - RF Monolithics, Inc SF2091C Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 6 of 6
©2009-2010 by RF Monolithics, Inc.
SF2091C - 6/14/10
Tape and Reel Specifications
“B”
Nominal Size
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
3000
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
5.3 mm
Bo
5.3 mm
Ko
2.0 mm
Pitch
8.0 mm
W12.0 mm
PIN #1
Tape and Reel Specifications
“B”
Nominal Size
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
3000
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
5.3 mm
Bo
5.3 mm
Ko
2.0 mm
Pitch
8.0 mm
W12.0 mm
PIN #1
See Detail "A"
2.0
12.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com