Electronic Components Datasheet Search
  English  ▼

X  

SF2109D Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF2109D
Description  305.00 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2109D Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF2109D Datasheet HTML 1Page - RF Monolithics, Inc SF2109D Datasheet HTML 2Page - RF Monolithics, Inc SF2109D Datasheet HTML 3Page - RF Monolithics, Inc SF2109D Datasheet HTML 4Page - RF Monolithics, Inc SF2109D Datasheet HTML 5Page - RF Monolithics, Inc SF2109D Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 6
©2008 by RF Monolithics, Inc.
SF2109D - 9/18/08
CH1
S21
DEL
100 ns/
REF 500 ns
CENTER
305 . 400
000
MHz
SPAN
10 . 000
000
MHz
C
Smo
PRm
CH2
S21
LOG
1 dB/
REF -7.046 dB
C
PRm
3 Mar 2006 13:05:41
1
2
3
3 : 22 . 793
ns
-8 . 000
000
MHz
REF=2
CH1
Markers
mean
: 262 . 50
ns
s . dev
: 39 . 617
ns
p-p
: 179 . 82
ns
1
2
3
3 : - . 37930
dB
-8 . 000
000
MHz
REF=2
CH2
Markers
mean
: -7 . 4435
dB
s . dev
: . 32180
dB
p-p
: 1 . 4982
dB
SF2109D 50 ohm demo
Full
Full
CH1
S11
1 U FS
CENTR
304 . 000
MHz
SPAN
80 . 000
MHz
Cor
PRm
CH2
S21
LOG
10 dB/
REF -7.046 dB
CENTER
304 . 000
000
MHz
SPAN
80 . 000
000
MHz
Cor
PRm
CH3
S22
1 U FS
CENTR
304 . 000
MHz
SPAN
80 . 000
MHz
Cor
3 Mar 2006 13:02:04
1
1 : 37 . 277
3 . 1523
1 . 6450
nH
305 . 000
000
MHz
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
Max
REF=1
CH2
Markers
BW :
7 . 378194
MHz
cent
:
305 . 380082
MHz
Q: 41 . 390
1_ loss
: -7 . 0214
dB
1
1 : 52 . 984
7 . 2871
3 . 8026
nH
305 . 000
000
MHz
SF2109D 50 ohm demo
Full
Full



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com