Electronic Components Datasheet Search
  English  ▼

X  

SF2109D Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF2109D
Description  305.00 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2109D Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF2109D Datasheet HTML 1Page - RF Monolithics, Inc SF2109D Datasheet HTML 2Page - RF Monolithics, Inc SF2109D Datasheet HTML 3Page - RF Monolithics, Inc SF2109D Datasheet HTML 4Page - RF Monolithics, Inc SF2109D Datasheet HTML 5Page - RF Monolithics, Inc SF2109D Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 5 of 6
©2008 by RF Monolithics, Inc.
SF2109D - 9/18/08
8-Terminal Ceramic Surface-Mount Case
3.8 X 3.8 mm Nominal Footprint
SM3838-8 Case
TOP VIEW
BOTTOM VIEW
0.066
0.055 TYP.
(1.68)
(1.40)
PCB Footprint
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.6
3.8
4.0
0.142
0.150
0.157
B
3.6
3.8
4.0
0.142
0.150
0.157
C
1.05
1.20
1.35
0.041
0.047
0.053
D
0.95
1.10
1.25
0.037
0.043
0.049
E
0.90
1.00
1.10
0.035
0.040
0.043
F
0.50
0.60
0.70
0.020
0.024
0.028
G
2.39
2.54
2.69
0.090
0.100
0.110
H
1.40
1.75
2.05
0.055
0.069
0.080
Electrical Connections
Connection
Terminals
Port 1
Differential Input
1, 2
Port 2
Differential Output
5, 6
Ground
All Others
Single Ended Operation
Return is Ground
Differential Operation
Return is Hot
Dot Indicates Pin 1
Materials
Solder Pad Ter-
mination
Au plating 30 - 60 uInches (76.2-152 uM) over 80-200
uInches (203-508 uM) Ni.
Lid
Fe-Ni-Co Alloy Electroless Nickel Plate (8-11% Phospho-
rus) 100-200 uInches Thick
Body
Al2O3 Ceramic
Pb Free
A
1
2
3
B
7
6
5
4
C
H 7
6
5
4
E
F
G
1
2
3
8
8
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com