Electronic Components Datasheet Search
  English  ▼

X  

SF2137E Datasheet(PDF) 6 Page - RF Monolithics, Inc

Part # SF2137E
Description  869.00 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2137E Datasheet(HTML) 6 Page - RF Monolithics, Inc

  SF2137E Datasheet HTML 1Page - RF Monolithics, Inc SF2137E Datasheet HTML 2Page - RF Monolithics, Inc SF2137E Datasheet HTML 3Page - RF Monolithics, Inc SF2137E Datasheet HTML 4Page - RF Monolithics, Inc SF2137E Datasheet HTML 5Page - RF Monolithics, Inc SF2137E Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 6 of 6
©2009-2010 by RF Monolithics, Inc.
SF2137E - 9/13/10
Typical Solder Reflow Profile
0
5 0
1 0 0
1 5 0
2 0 0
2 5 0
3 0 0
0
6 0
1 2 0
1 8 0
2 4 0
3 0 0
3 6 0
R a m p u p
P r e h e a t
R e f l o w
C o o l D o w n
T i m e ( s e c o n d s )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com