Electronic Components Datasheet Search
  English  ▼

X  

SF2137E Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2137E
Description  869.00 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2137E Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2137E Datasheet HTML 1Page - RF Monolithics, Inc SF2137E Datasheet HTML 2Page - RF Monolithics, Inc SF2137E Datasheet HTML 3Page - RF Monolithics, Inc SF2137E Datasheet HTML 4Page - RF Monolithics, Inc SF2137E Datasheet HTML 5Page - RF Monolithics, Inc SF2137E Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 6
©2009-2010 by RF Monolithics, Inc.
SF2137E - 9/13/10
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
869.00
MHz
Bandwidth, 1 dB
11
Bandwidth, 3 dB
17
Insertion Loss, 868 to 870 MHz
IL
2.8
4.0
dB
Amplitude Ripple, 868 to 870 MHz
0.2
1.5
dBP-P
Attenuation Referenced to 0 dB:
825 to 828 MHz
40
47
dB
835 to 842 MHz
30
39
891 to 894 MHz
30
42
910 to 913 MHz
40
47
Source Impedance
ZS
50
Load Impedance
ZL
50
Case Style
SM3030-6 3.0 x 3.0 mm Nominal Footprint
Lid Symbolization, Y=year, WW=week, S=shift, Dot=pin 1 indicator
711, YWWS
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Connection
Terminals
Port 1
2
Port 2
5
Case Ground
All others
SM3030-6
• Steep Roll-off Filter for 869.00 MHz Unlicensed Band
• Complies with Directive 2002/95/EC (RoHS)
• No Matching Required for Operation in 50
Environment
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
17
dBm
DC Voltage on any Non-ground Terminal
3
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Maximum Soldering Profile, 5 Cycles/10 seconds Maximum
265
°C
869.00 MHz
SAW Filter
SF2137E
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
The design, manufacturing process, and specifications of this filter are subject to change.
5.
US and international patents may apply.
6.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:


Similar Part No. - SF2137E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2137E MURATA-SF2137E Datasheet
358Kb / 6P
Steep Roll-off Filter for 869.00 MHz Unlicensed Band
logo
RF Monolithics, Inc
SF2137E-1 RFM-SF2137E-1 Datasheet
829Kb / 5P
869.00 MHz SAW Filter
More results

Similar Description - SF2137E

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Vanlong Technology Co.,...
SF869C VANLONG-SF869C Datasheet
58Kb / 2P
869.00 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
RF Monolithics, Inc
SF2137D RFM-SF2137D Datasheet
696Kb / 4P
869.00 MHz SAW Filter
SF2137E-1 RFM-SF2137E-1 Datasheet
829Kb / 5P
869.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2137E MURATA-SF2137E Datasheet
358Kb / 6P
Steep Roll-off Filter for 869.00 MHz Unlicensed Band
logo
Murata Manufacturing Co...
SF2415E-1 MURATA1-SF2415E-1 Datasheet
654Kb / 5P
869.00 MHz SAW Filter
April 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com