Electronic Components Datasheet Search
  English  ▼

X  

SF2145B Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF2145B
Description  SAW Filter, 895 MHz, 15 MHz BW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2145B Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF2145B Datasheet HTML 1Page - RF Monolithics, Inc SF2145B Datasheet HTML 2Page - RF Monolithics, Inc SF2145B Datasheet HTML 3Page - RF Monolithics, Inc SF2145B Datasheet HTML 4Page - RF Monolithics, Inc SF2145B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 5
©2009 by RF Monolithics, Inc.
SF2145B - 7/9/09
SMP-03 Case
Recommended PCB Footprint
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
6.80
7.00
7.20
0.268
0.276
0.283
B
4.80
5.00
5.20
0.189
0.197
0.205
C
1.65
2.00
0.065
0.079
D
.47
0.60
.73
0.019
0.024
0.029
E
2.41
2.54
2.67
0.095
0.100
0.105
H
0.87
1.0
1.13
0.034
0.039
0.044
J
4.87
5.00
5.13
0.192
0.197
0.202
K
2.87
3.00
3.13
0.113
0.118
0.123
P
1.14
1.27
1.40
0.045
0.050
0.055
Electrical Connections
Connection
Terminals
Input (Port 1)
3
Output (Port 2)
8
Case Ground
2, 4, 7, 9
To Be Grounded
1, 2, 4, 5, 6, 7, 9, 10
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
A
B
C
H
E
P
D
H
J
K
10-Terminal Ceramic Surface-Mount Case
7 x 5 mm Nominal Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com