Electronic Components Datasheet Search
  English  ▼

X  

SF2145B Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2145B
Description  SAW Filter, 895 MHz, 15 MHz BW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2145B Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2145B Datasheet HTML 1Page - RF Monolithics, Inc SF2145B Datasheet HTML 2Page - RF Monolithics, Inc SF2145B Datasheet HTML 3Page - RF Monolithics, Inc SF2145B Datasheet HTML 4Page - RF Monolithics, Inc SF2145B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 5
©2009 by RF Monolithics, Inc.
SF2145B - 7/9/09
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
1
895
MHz
Source Impedance, single ended
50
Ω
Load Impedance, single ended
50
Ω
1 dB Bandwidth
18
MHz
Insertion Loss, 894 to 895.5 MHz
IL
8.5
9.0
dB
Insertion Loss Variation:
Any point within 894 to 895.5 MHz
measured at a constant temperature with the
RF input level varying from +10 to +20 dBm
0.3
∆dB
Amplitude Ripple, 894 to 895.5 MHz
.35
.75
dB
Average Group Delay, 894 to 895.5 MHz
804
814
824
ns
Group Delay Variation, 894.0 to 895.5 MHz
10
25
nsP-P
Input / Output Return Loss at fC
10
15
dB
Temperature Coefficient
-18
ppm/K
Case Style
SMP-03 7.0 x 5.0 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week) See note 4
RFM SF2145B YYWW
SMP-03
895 MHz
SAW Filter
SF2145B
1.
Unless noted otherwise, all specifications apply over the operating tem-
perature range with filter soldered to the specified demonstration board
with impedance matching to 50
Ω and measured with 50 Ω network ana-
lyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the
nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the
passband. Rejection in final user application is dependent on PCB layout
and external impedance matching design. See Application Note No. 42 for
details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production"
and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are
subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1
and Port 2, so that the filter must always be installed in one direction per
the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc., are registered
trademarks of RF Monolithics, Inc.
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
• SAW Filter, 895 MHz, 15 MHz BW
• 7.0 X 5.0 mm 10 pin Surface-Mount Case
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+20
dBm
Maximum DC Voltage Between any Two Terminals
0
VDC
Operating Temperature Range
-20 to +70
°C
Pb


Similar Part No. - SF2145B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2140A RFM-SF2140A Datasheet
97Kb / 5P
Excellent Size-to-Performance Ratio
logo
Murata Manufacturing Co...
SF2140A MURATA-SF2140A Datasheet
97Kb / 5P
140.0 MHz SAW Filter
logo
RF Monolithics, Inc
SF2140A-1 RFM-SF2140A-1 Datasheet
644Kb / 6P
Excellent Size-to-Performance Ratio
logo
Murata Manufacturing Co...
SF2140A-1 MURATA-SF2140A-1 Datasheet
644Kb / 6P
140.0 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF2140BA02540S SPECTRUM-SF2140BA02540S Datasheet
168Kb / 3P
2140 MHz SAW Filter 60 MHz bandwidth
More results

Similar Description - SF2145B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0399A TAI-SAW-TB0399A Datasheet
258Kb / 7P
156.8MHz IF SAW Filter (BW=15 MHz)
TA1126A TAI-SAW-TA1126A Datasheet
155Kb / 7P
SAW Filter 2017.5MHz 15 MHz BW SMD 1.4X1.1 mm
TA1427A TAI-SAW-TA1427A Datasheet
418Kb / 7P
SAW Filter 895 MHz
TA2458A TAI-SAW-TA2458A Datasheet
437Kb / 6P
SAW Filter 895 MHz
TA1427B TAI-SAW-TA1427B Datasheet
449Kb / 7P
SAW Filter 895 MHz SMD 3.0횞3.0 mm (BW=2 MHz)
TA1735B TAI-SAW-TA1735B Datasheet
506Kb / 8P
SAW Filter 867.5 MHz SMD 2.0횞1.6 mm (BW=15 MHz)
TA2556A TAI-SAW-TA2556A Datasheet
1Mb / 7P
SAW Filter 457.5 MHz SMD 3.8횞3.8 mm (BW=15 MHz)
TA2584A TAI-SAW-TA2584A Datasheet
772Kb / 7P
SAW Filter Band1 950.5 MHz (BW 19 MHz)
TA2643A TAI-SAW-TA2643A Datasheet
774Kb / 7P
SAW Filter 950.75 MHz (BW 18.5 MHz) SMD3030
TA2727AA3112 TAI-SAW-TA2727AA3112 Datasheet
296Kb / 7P
SAW Filter 1702.5MHz SMD 3.0X3.0 mm (BW=15 MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com