Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS1114 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 3Page - Texas Instruments TMS570LS1114 Datasheet HTML 4Page - Texas Instruments TMS570LS1114 Datasheet HTML 5Page - Texas Instruments TMS570LS1114 Datasheet HTML 6Page - Texas Instruments TMS570LS1114 Datasheet HTML 7Page - Texas Instruments TMS570LS1114 Datasheet HTML 8Page - Texas Instruments TMS570LS1114 Datasheet HTML 9Page - Texas Instruments TMS570LS1114 Datasheet HTML 10Page - Texas Instruments TMS570LS1114 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 167 page
background image
TMS570LS1114
www.ti.com
SPNS188A – OCTOBER 2012 – REVISED SEPTEMBER 2013
1
TMS570LS1114 16- and 32-Bit RISC Flash
4.9
Device Memory Map
................................ 67
Microcontroller
.......................................... 1
4.10
Flash Memory
...................................... 73
1.1
Features
............................................. 1
4.11
Tightly-Coupled RAM Interface Module
............ 76
1.2
Applications
.......................................... 2
4.12
Parity Protection for Accesses to peripheral RAMs
76
1.3
Description
........................................... 3
4.13
On-Chip SRAM Initialization and Testing
........... 78
1.4
Functional Block Diagram
........................... 5
4.14
External Memory Interface (EMIF)
................. 80
Revision History
.............................................. 8
4.15
Vectored Interrupt Manager
........................ 88
2
Device Package and Terminal Functions
.......... 9
4.16
DMA Controller
..................................... 92
2.1
PGE QFP Package Pinout (144-Pin)
................ 9
4.17
Real Time Interrupt Module
........................ 94
2.2
ZWT BGA Package Ball-Map (337 Ball Grid Array)
10
4.18
Error Signaling Module
............................. 96
2.3
Terminal Functions
................................. 11
4.19
Reset / Abort / Error Sources
..................... 100
3
Device Operating Conditions
....................... 40
4.20
Digital Windowed Watchdog
...................... 103
3.1
Absolute Maximum Ratings Over Operating Free-
4.21
Debug Subsystem
................................. 104
Air Temperature Range,
............................ 40
5
Peripheral Information and Electrical
3.2
Device Recommended Operating Conditions
...... 40
Specifications
......................................... 109
3.3
Switching Characteristics over Recommended
5.1
Enhanced Translator PWM Modules (ePWM)
.... 109
Operating Conditions for Clock Domains
.......... 41
5.2
Enhanced Capture Modules (eCAP)
.............. 114
3.4
Wait States Required
............................... 41
5.3
Enhanced Quadrature Encoder (eQEP)
.......... 116
3.5
Power Consumption Over Recommended
5.4
Multi-Buffered 12bit Analog-to-Digital Converter
.. 118
Operating Conditions
............................... 42
5.5
General-Purpose Input/Output
.................... 129
3.6
Input/Output Electrical Characteristics Over
Recommended Operating Conditions
.............. 43
5.6
Enhanced High-End Timer (N2HET)
.............. 130
3.7
Output Buffer Drive Strengths
...................... 43
5.7
Controller Area Network (DCAN)
.................. 134
3.8
Input Timings
....................................... 44
5.8
Local Interconnect Network Interface (LIN)
....... 135
3.9
Output Timings
..................................... 45
5.9
Serial Communication Interface (SCI)
............ 136
3.10
Low-EMI Output Buffers
............................ 47
5.10
Inter-Integrated Circuit (I2C)
...................... 137
4
System Information and Electrical Specifications
5.11
Multi-Buffered / Standard Serial Peripheral Interface
............................................................. 48
..................................................... 140
4.1
Device Power Domains
............................ 48
6
Device and Documentation Support
............. 152
6.1
Device and Development-Support Tool
4.2
Voltage Monitor Characteristics
.................... 48
Nomenclature
..................................... 152
4.3
Power Sequencing and Power On Reset
.......... 50
6.2
Community Resources
............................ 153
4.4
Warm Reset (nRST)
................................ 52
6.3
Device Identification
............................... 154
4.5
ARM© Cortex-R4F™ CPU Information
............. 53
6.4
Module Certifications
.............................. 156
4.6
Clocks
.............................................. 56
7
Mechanical Data
...................................... 161
4.7
Clock Monitoring
.................................... 64
7.1
Thermal Data
...................................... 161
4.8
Glitch Filters
........................................ 66
7.2
Packaging Information
............................ 161
Copyright © 2012–2013, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com