Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS1114 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 69Page - Texas Instruments TMS570LS1114 Datasheet HTML 70Page - Texas Instruments TMS570LS1114 Datasheet HTML 71Page - Texas Instruments TMS570LS1114 Datasheet HTML 72Page - Texas Instruments TMS570LS1114 Datasheet HTML 73Page - Texas Instruments TMS570LS1114 Datasheet HTML 74Page - Texas Instruments TMS570LS1114 Datasheet HTML 75Page - Texas Instruments TMS570LS1114 Datasheet HTML 76Page - Texas Instruments TMS570LS1114 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 167 page
background image
TMS570LS1114
www.ti.com
SPNS188A – OCTOBER 2012 – REVISED SEPTEMBER 2013
4.10 Flash Memory
4.10.1 Flash Memory Configuration
Flash Bank: A separate block of logic consisting of 1 to 16 sectors. Each flash bank normally has a
customer-OTP and a TI-OTP area. These flash sectors share input/output buffers, data paths, sense
amplifiers, and control logic.
Flash Sector: A contiguous region of flash memory which must be erased simultaneously due to physical
construction constraints.
Flash Pump: A charge pump which generates all the voltages required for reading, programming, or
erasing the flash banks.
Flash Module: Interface circuitry required between the host CPU and the flash banks and pump module.
Table 4-22. Flash Memory Banks and Sectors
Memory Arrays (or Banks)
Sector
Segment
Low Address
High Address
No.
BANK0 (1.25MBytes)
0
16K Bytes
0x0000_0000
0x0000_3FFF
1
16K Bytes
0x0000_4000
0x0000_7FFF
2
16K Bytes
0x0000_8000
0x0000_BFFF
3
16K Bytes
0x0000_C000
0x0000_FFFF
4
16K Bytes
0x0001_0000
0x0001_3FFF
5
16K Bytes
0x0001_4000
0x0001_7FFF
6
32K Bytes
0x0001_8000
0x0001_FFFF
7
128K Bytes
0x0002_0000
0x0003_FFFF
8
128K Bytes
0x0004_0000
0x0005_FFFF
9
128K Bytes
0x0006_0000
0x0007_FFFF
10
128K Bytes
0x0008_0000
0x0009_FFFF
11
128K Bytes
0x000A_0000
0x000B_FFFF
12
128K Bytes
0x000C_0000
0x000D_FFFF
13
128K Bytes
0x000E_0000
0x000F_FFFF
14
128K Bytes
0x0010_0000
0x0011_FFFF
15
128K Bytes
0x0012_0000
0x0013_FFFF
BANK7 (64kBytes) for EEPROM emulation
0
16K Bytes
0xF020_0000
0xF020_3FFF
1
16K Bytes
0xF020_4000
0xF020_7FFF
2
16K Bytes
0xF020_8000
0xF020_BFFF
3
16K Bytes
0xF020_C000
0xF020_FFFF
4.10.2 Main Features of Flash Module
•
Support for multiple flash banks for program and/or data storage
•
Simultaneous read access on a bank while performing program or erase operation on any other bank
•
Integrated state machines to automate flash erase and program operations
•
Pipelined mode operation to improve instruction access interface bandwidth
•
Support for Single Error Correction Double Error Detection (SECDED) block inside Cortex-R4F CPU
–
Error address is captured for host system debugging
•
Support for a rich set of diagnostic features
Copyright © 2012–2013, Texas Instruments Incorporated
System Information and Electrical Specifications
73
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com