Electronic Components Datasheet Search
  English  ▼

X  

3P4 Datasheet(PDF) 5 Page - Grayhill, Inc

Part # 3P4
Description  Miniature Toggle Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

3P4 Datasheet(HTML) 5 Page - Grayhill, Inc

  3P4 Datasheet HTML 1Page - Grayhill, Inc 3P4 Datasheet HTML 2Page - Grayhill, Inc 3P4 Datasheet HTML 3Page - Grayhill, Inc 3P4 Datasheet HTML 4Page - Grayhill, Inc 3P4 Datasheet HTML 5Page - Grayhill, Inc 3P4 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TeRMINATIoNoPTIoNS Ininches(andmillimeters)
V2-V3VerticalBracketP.C.Mount
Series 34A: Miniature Toggle Switches
3PDT
4PDT
M7RightAngleP.C.Mount,VerticalActuation
3
1
2
P.C.MoUNTING
4
5
6
7
8
9
P.C.MoUNTING
4
5
6
1
2
3
7
8
9
10
11
12
.650
(16.51)
.500
(12.7)
.150
(3.81)
.288
(7.31)
.150
(3.81)
.200
(5.08)
keYWAY
THISSIDe
Ø.245
(Ø6.22)
.073DIA.
(Ø1.85)
.190
(4.83)
.565
(14.35)
.200
(5.08)
.048
(1.22)
.565
(14.35)
.850
(21.59)
.150
(3.81)
.288
(7.31)
.150
(3.81)
.200
(5.08)
keYWAY
THISSIDe
Ø.245
(Ø6.22)
.073DIA.
(Ø1.85)
.190
(4.83)
.565
(14.35)
.200
(5.08)
.048
(1.22)
.565
(14.35)
.500
12.7
.190
(4.83)
.050
(1.27)
.190
(4.83)
.050
(1.27)
.030
(0.76)
.125
(3.18)
.125
(3.18)
.030
(0.76)
.254
(6.46)
.254
(6.46)
oPTIoN
CoDe DIM."A"
V2
V3
.460
(11,68)
.630
(16,00)
P.C.MoUNTING
oPTIoN
CoDe DIM."A"
V2
V3
.460
(11,68)
.630
(16,00)
P.C.MoUNTING
4
5 6
1 2
3
DIM."A"
.185
(4.70)
.320
(8.13)
.048
(1.22)
.125
(3.18)
.620
(15.75)
.020
(0.51)
.185
(4.70)
.030
(0.76)
.280
(7.11)
.620
(15.75)
.185
(4.70)
.125
(3.18)
.073DIA.
(Ø1.85)
DIM."A"
.185
(4.70)
.320
(8.13)
.048
(1.22)
.125
(3.18)
.620
(15.75)
.020
(0.51)
.185
(4.70)
.030
(0.76)
.280
(7.11)
.620
(15.75)
.125
(3.18)
.450
(11.43)
.073DIA.
(Ø1.85)
.190
(4.83)
.185
(4.70)
ePoXYSeAL
ePoXYSeAL
.254
(6.46)
.254
(6.46)
SPDT
DPDT
Toggle
8
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com