Electronic Components Datasheet Search
  English  ▼

X  

3P4 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 3P4
Description  Miniature Toggle Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

3P4 Datasheet(HTML) 1 Page - Grayhill, Inc

  3P4 Datasheet HTML 1Page - Grayhill, Inc 3P4 Datasheet HTML 2Page - Grayhill, Inc 3P4 Datasheet HTML 3Page - Grayhill, Inc 3P4 Datasheet HTML 4Page - Grayhill, Inc 3P4 Datasheet HTML 5Page - Grayhill, Inc 3P4 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NONE
OFF
OFF
OFF
NONE
OPEN
SWITCH POSITION
MODEL NO.
3P5
3P4
3P3
3P2
3P1
ON
(ON)
2-3,5-6
ON
ON
ON
2-1,5-4
(ON)
(ON)
ON
(ON)
ON
TERM. COMM.
8-9
8-7
()=MOMENTARY
1
2
3
4
5
6
7
8
9
SCHEMATIC
02COMM.
1
3
05COMM.
4
6
08COMM.
7
9
.500
(12.7)
.030
(0.76)
.185
(4.70)
Ø.115
(Ø 2.92)
KEYWAY
.650
(16.51)
1/4-40 UNS-2A
KEYWAY
THIS SIDE
.190
(4.83)
.350
(8.89)
.410
(10.41)
.415
(10.54)
EPOXY SEAL
.060
(1.52)
.570
(14.48)
NONE
OFF
OFF
OFF
NONE
OPEN
SWITCH POSITION
MODEL NO.
DP5
DP4
DP3
DP2
DP1
ON
(ON)
2-3,
ON
ON
ON
2-1,
(ON)
(ON)
ON
(ON)
ON
TERM. COMM.
1
2
3
4
5
6
5-6
5-4
()=MOMENTARY
SCHEMATIC
02COMM.
1
3
05COMM.
4
6
.410
(10.41)
.500
(12.7)
.185
(4.70)
Ø.115
(Ø 2.92)
KEYWAY
THIS SIDE
KEYWAY
.450
(11.43)
.190
(4.83)
1/4-40 UNS-2A
.350
(8.89)
EPOXY SEAL
.350
(8.89)
.505
(12.83)
.060
(1.52)
.030
(0.76)
SerieS 34A
Miniature Toggle Switches
FeATUreS
•SaveSpaceandWeight
•SPDT,DPDT,3PDT,and4DPTCircuitry
•ChoiceofActuators,BushingsandTerminations
•ULRecognized
MoDeLS Ininches(andmillimeters)
SPDT
DPDT
3PDT
Series 34A: Miniature Toggle Switches
Toggle
4
NONE
OFF
OFF
OFF
NONE
OPEN
SWITCH POSITION
MODEL NO.
SP5
SP4
SP3
SP2
SP1
ON
(ON)
2-3
ON
ON
ON
2-1
(ON)
(ON)
ON
(ON)
ON
1
2
3
TERM. COMM.
()=MOMENTARY
SCHEMATIC
02COMM.
1
3
1/4-40 UNS-2A
.410
(10.41)
.500
(12.7)
.350
(8.89)
.030
(0.76)
.185
(4.70)
Ø.115
(Ø 2.92)
KEYWAY
THIS SIDE
KEYWAY
.350
(8.89)
.270
(6.86)
.155
(3.94)
EPOXY SEAL
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com


Similar Part No. - 3P4

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
3P40-DO YFWDIODE-3P40-DO Datasheet
2Mb / 3P
Trench MOS Barrier Schottky Rectifier
3P40-DO-15 YFWDIODE-3P40-DO-15 Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier
3P40FL YFWDIODE-3P40FL Datasheet
630Kb / 3P
Trench MOS Barrier Schottky Rectifier
logo
List of Unclassifed Man...
3P4210000 ETC1-3P4210000 Datasheet
296Kb / 6P
Miniature Pushwheel Switches
logo
C&K Components
3P4210000 CK-COMPONENTS-3P4210000 Datasheet
254Kb / 5P
Miniature Pushwheel Switches
More results

Similar Description - 3P4

ManufacturerPart #DatasheetDescription
logo
C&K Components
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
Miniature Toggle Switches
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
Sealed Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
TOGGLE SWITCHES - MINIATURE
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
C&K Components
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
Miniature Toggle Switches
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
Miniature Toggle Switches
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com