Electronic Components Datasheet Search
  English  ▼

X  

4P2 Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 4P2
Description  Miniature Toggle Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

4P2 Datasheet(HTML) 3 Page - Grayhill, Inc

  4P2 Datasheet HTML 1Page - Grayhill, Inc 4P2 Datasheet HTML 2Page - Grayhill, Inc 4P2 Datasheet HTML 3Page - Grayhill, Inc 4P2 Datasheet HTML 4Page - Grayhill, Inc 4P2 Datasheet HTML 5Page - Grayhill, Inc 4P2 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
*FOR USE
WITH
ACTUATORS
7 AND 8
ONLY.
15/32-32
UNS-2A
KEYWAY
.020
(0.51)
.448
(11.38)
.065
(1.65)
.031
(0.79)
1/4-40
UNS-2A
.297
(7,55)
.057
(1,44)
.028
(0.71)
.040
(1.02)
1/4-40 UNS-2A
.225
(5.72)
.350
(8.89)
M6P
0.75
THD.
.028
(0.71)
.040
(1.02)
.350
(8.89)
1/4-40 UNS-2A
.225
(5.72)
SEALS
.465 DIA.
(Ø11.81)
.057
(1.44)
.020
(0.51)
.296
(7.52)
T1
BUSHINGoPTIoNS Ininches(andmillimeters)
B3Thd
B4Non-Thd
B5HighTorque
B6HighTorque
B7Long
B8Metric
B9Splash-Proof
PANeLMoUNTING Ininches(andmillimeters)
Series 34A: Miniature Toggle Switches
B1Thd(Std)
B2Non-Thd
Ø.244
(Ø6.20)
.350
(8.89)
1/4-40 UNS-2A
.028
(0.71)
.040
(1.02)
Ø.244
(Ø6.20)
.280
(7.10)
1/4-40UNS-2A
.028
(0.71)
.040
(1.02)
1/4-40 UNS-2A
Ø.314
(Ø7.98)
.225
(5.72)
.296
(7.52)
.040
(1.02)
.020
(0.51)
.315
(8.00)
1/4-40 UNS-2A
.028
(0.71)
.040
(1.02)
Ø.314
(Ø7.98)
.040
(1.02)
.020
(0.51)
1/4"BUSHING
15/32"BUSHING
MeTRICBUSHING
.234
(5.95)
Ø.250
(Ø6.35)
Ø.250
(Ø6.35)
Ø.250
(Ø6.35)
.022
(0.56)
.033
(0.85)
.240
(6.10)
Ø.094
(Ø2.38)
.378
(9.60)
Ø.496
(Ø11.91)
Ø.150
(Ø3.81)
Ø.496
(Ø11.91)
.031
(0.79)
.065
(1.65)
.187
(4.75)
Ø.250
(Ø6.35)
Ø.078
(Ø1.98)
Ø.250
(Ø6.35)
Ø.250
(Ø6.35)
Ø.094
(Ø2.38)
.031
(0.80)
.028
(0.70)
.248
(6.30)
T2
T5
T6
.225
(5,72)
1/4-40
UNS-2A
.297
(7,55)
.057
(1,44)
T7
Toggle
6
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com