Electronic Components Datasheet Search
  English  ▼

X  

4P2 Datasheet(PDF) 4 Page - Grayhill, Inc

Part # 4P2
Description  Miniature Toggle Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

4P2 Datasheet(HTML) 4 Page - Grayhill, Inc

  4P2 Datasheet HTML 1Page - Grayhill, Inc 4P2 Datasheet HTML 2Page - Grayhill, Inc 4P2 Datasheet HTML 3Page - Grayhill, Inc 4P2 Datasheet HTML 4Page - Grayhill, Inc 4P2 Datasheet HTML 5Page - Grayhill, Inc 4P2 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
W1
OPTION
CODE
W2
W3
W4
DIM."A"
.750(19.05)
.964(24.48)
.425(10.80)
1.062(26.97)
WIRE WRAP
DIM."A"
.075
1.91
.050
1.27
TeRMINATIoNoPTIoNS Ininches(andmillimeters)
M6RightAngleP.C.Mount,
HorizontalActuation
M7RightAngleP.C.Mount,
Vertical Actuation
M1SolderLug(Std)
M2P.C.Mount
M3 P.C.Mount,QuickConnect
WX
Series 34A: Miniature Toggle Switches
SPDT
DPDT
SPDT
DPDT
THk..030(0.76)
.080
(2.03)
.047
(1.19)
.156
(3.96)
.078
(1.98)
THk..030(0.76)
.189
(4.80)
.250
(6.36)
.050
(1.27)
.030(0.76)THk.
.062
(1.57)
.250
(6.35)
ePoXYSeAL
.189
(4.80)
1
2 3
4
5 6
P.C.MoUNTING
1
2 3
P.C.MoUNTING
.288
(7.31)
.500
(12.7)
.030
(0.76)
.106
(2.69)
.126
(3.17)
.500
(12.7)
.150
(3.81)
.254
(6.46)
Ø.245
(Ø6.22)
.050
(1.27)
.450
(11.43)
.185
(4.70)
.500
(12.7)
.150
(3.81)
.200
(5.08)
.185
(4.70)
keYWAY
THISSIDe
.288
(7.31)
.500
(12.7)
.030
(0.76)
.500
(12.7)
.254
(6.46)
Ø.245
(Ø6.22)
.270
(6.86)
.185
(4.70)
.500
(12.7)
.200
(5.08)
keYWAY
THISSIDe
.185
(4.69)
.125
(3.17)
Ø.105
(Ø2.67)
Ø.105
(Ø2.67)
.050
(1.27)
Ø.073
(Ø1.85)
Ø.073
(Ø1.85)
.106
(2.69)
3
1
2
P.C.MoUNTING
.270
(6.86)
.050
(1.27)
.500
(12.7)
.150
(3.81)
.500
(12.7)
.288
(7.31)
.500
(12.7)
.150
(3.81)
.200
(5.08)
.073DIA.
(Ø1.85)
keYWAY
THISSIDe
Ø.245
(Ø6.22)
.125
(3.18)
.048
(1.22)
.200
(5.08)
.030
(0.76)
.254
(6.46)
3
1
2
P.C.MoUNTING
4
5
6
.450
(11.43)
.150
(3.81)
.500
(12.7)
.288
(7.31)
.500
(12.7)
.150
(3.81)
.200
(5.08)
keYWAY
THISSIDe
Ø.245
(Ø6.22)
.073DIA.
(Ø1.85)
.190
(4.83)
.125
(3.17)
.200
(5.08)
.190
(4.83)
.125
(3.18)
.048
(1.22)
.500
(12.70)
.030
(0.76)
.050
(1.27)
.254
(6.46)
Toggle
7
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com