Electronic Components Datasheet Search
  English  ▼

X  

HO1091 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # HO1091
Description  1090.0 MHz SAW Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HO1091 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  HO1091 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. HO1091 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
©2010 by RF Monolithics, Inc.
HO1091 - 10/27/10
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
Absolute Frequency
fO
1, 7
1089.2
1090.0
1090.8
MHz
Tolerance from 1090.0 MHz
∆fO
±800
kHz
RF Output Power
PO
3, 6
+10
+12
+13
dBm
Discrete Spurious
Second Harmonics
2, 3, 4
-25
-20
dBc
Third and Higher Harmonics
-35
-30
Nonharmonic
< -100
-80
SSB Phase Noise
1 kHz Offset
2, 3, 4
-85
dBc/Hz
10 kHz Offset
-110
RF Impedance
Nominal Impedance
ZO
350
Ω
Operating Load VSWR
GL
3, 5
1.5:1
DC Power Supply
Operating Voltage
VCC
3, 6
11.75
12.00
12.25
VDC
Operating Current
ICC
37
40
mA
Operating Ambient Temperature
TA
3, 6
-40
+85
°C
Lid Symbolization (YY=Year, WW=Week)
RFM HO1091 YYWW
Dip 16-8 Case
•
SAW Frequency Stabilized
•
Fundamental-mode Oscillation at 1090 MHz
•
Ideal for ATC Transponder Applications
•
Complies with Directive 2002/95/EC (RoHS)
The frequency of this oscillator is stabilized by UHF surface-acoustic-wave (SAW) technology, providing ex-
cellent performance in a compact, rugged oscillator operating at the fundamental frequency of 1090 MHz. The
highly-reliable HO1091 is designed for use in Air Traffic Control Transponders.
Absolute Maximum Ratings
Rating
Value
Units
DC Supply Voltage
0 to +13
VDC
Ambient Temperature
Powered
-40 to +85
°C
Storage
-55 to +125
1090 MHz
SAW
Oscillator
HO1091
CAUTION: Electrostatic Sensitive Device. Observe precautions for
handling. COCOM CAUTION: Approval by the U.S. Department of
Commerce is required prior to export of this device.
Notes:
1.
One or more of the following United States patents apply: 4,760,352; 5,787,117; and
7,260,375.
2.
Unless noted otherwise, all specifications are listed at TA = +25°C ±2°C, VCC = nom-
inal voltage ±0.01 VDC, and load impedance = 50
Ω with VSWR ≤ 1.5:1.
3.
The design, manufacturing process, and specifications of this device are subject to
change without notice.
4.
Applies to oscillator only and not to sidebands caused by external electrical or
mechanical sources. (Dedicated external voltage regulation with low-frequency filter-
ing for the DC power supply and proper circuit board layout are recommended for
optimum spectral purity.)
5.
For specified maximum operating load VSWR,any angle, at fO. No instability or dam-
age will occur for any passive load impedance.
6.
For any combination of VCC and TA within the specified operating ranges.
7.
Applies for any combination of Note 5 and 6 conditions.
BLOCK DIAGRAM
ELECTRICAL CONNECTIONS
RF OUTPUT
VCC
Buffer Amplifier
SAW Oscillator
Top
View
Ground 1
VCC
Ground 2
Ground 7
Output 8
15 Ground
10 Ground
9
Ground
2 >


Similar Part No. - HO1091

ManufacturerPart #DatasheetDescription
logo
LEM
HO10-P LEM-HO10-P Datasheet
1,013Kb / 12P
Current Transducer
HO10-P-SP33 LEM-HO10-P-SP33 Datasheet
787Kb / 11P
Current Transducer
HO100-P LEM-HO100-P Datasheet
1Mb / 15P
Current Transducer
HO100-S LEM-HO100-S Datasheet
1Mb / 14P
Current Transducer
logo
RF Monolithics, Inc
HO1045 RFM-HO1045 Datasheet
80Kb / 2P
915.0 MHz SAW Oscillator
More results

Similar Description - HO1091

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HO1045 RFM-HO1045 Datasheet
80Kb / 2P
915.0 MHz SAW Oscillator
HO1079 RFM-HO1079 Datasheet
81Kb / 2P
1090.0 MHz SAW Oscillator
HO1081 RFM-HO1081 Datasheet
81Kb / 2P
1090.0 MHz SAW Oscillator
HO4001-1 RFM-HO4001-1 Datasheet
79Kb / 2P
1000.0 MHz SAW Oscillator
logo
Oscilent Corporation
863-RF1090.0M-A OSCILENT-863-RF1090.0M-A Datasheet
484Kb / 3P
1090.0 MHz RF SAW Filter
logo
Murata Manufacturing Co...
HO1081-3 MURATA-HO1081-3 Datasheet
482Kb / 2P
1090.0 MHz SAW Oscillator
HO1081-4 MURATA-HO1081-4 Datasheet
494Kb / 2P
1090.0 MHz SAW Oscillator
HX1080 MURATA-HX1080 Datasheet
89Kb / 3P
1030.0 MHz SAW Oscillator
HX1081 MURATA-HX1081 Datasheet
417Kb / 3P
1090.0 MHz SAW Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TD1090EE-B TAI-SAW-TD1090EE-B Datasheet
259Kb / 4P
SAW Resonator 1090.0 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com