Electronic Components Datasheet Search
  English  ▼

X  

HO1091 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # HO1091
Description  1090.0 MHz SAW Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HO1091 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  HO1091 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. HO1091 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1090 MHz
SAW Oscillator
www.RFM.com E-mail: info@rfm.com
Page 2 of 2
©2010 by RF Monolithics, Inc.
HO1091 - 10/27/10
DIP16-8
Metal Dual-inline Package with 8 Leads in a 16-lead DIP Configuration
Dimension
mm
Inches
MIN
MAX
MIN
MAX
A
—
25.02
—
0.985
B
—
12.83
—
0.505
C
—
6.35
—
0.250
D
0.40
0.51
0.016
0.020
E
0.64 Nominal
0.025 Nominal
F
7.62 Nominal
0.300 Nominal
G
2.54 Nominal
0.100 Nominal
H
17.78 Nominal
0.700 Nominal
K
3,39
6.73
0.130
0.265
L1.30
—
0.051
—
M
—
11.18
—
0.440
N
—
22.60
—
0.890
R
1.75
2.26
0.069
0.089
Top View
Bottom View
D
(8 Places)
B
M
A
N
E
Pin 1 Mark
(Optional)
(4 Places)
L
C
K
F
R
(3 Places)
H
G
(4 Places)
1
2
7
89
10
15
16



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com